Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7USB31WBG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC7USB31WBG
Description  Dual SPST USB Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7USB31WBG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC7USB31WBG Datasheet HTML 4Page - Toshiba Semiconductor TC7USB31WBG Datasheet HTML 5Page - Toshiba Semiconductor TC7USB31WBG Datasheet HTML 6Page - Toshiba Semiconductor TC7USB31WBG Datasheet HTML 7Page - Toshiba Semiconductor TC7USB31WBG Datasheet HTML 8Page - Toshiba Semiconductor TC7USB31WBG Datasheet HTML 9Page - Toshiba Semiconductor TC7USB31WBG Datasheet HTML 10Page - Toshiba Semiconductor TC7USB31WBG Datasheet HTML 11Page - Toshiba Semiconductor TC7USB31WBG Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC7USB31WBG
2009-11-12
8
PULSE SKEW tSK(P) = |tpLH - tpHL|
VOL
VOH
0.4V
0.8V
50%
50%
tpLH
tpHL
Input
(D+, D-)
Output
(HSD+, HSD-)
50%
50%
Output
OUTPUT SKEW tSK(O) = |tpLH(+) - tpLH(-)| or |tpHL(+) - tpHL(-)|
Figure 3 : Skew of Opposite Transitions of the same output, Output skew
VOL
VOH
0.4V
0.8V
50%
50%
tpLH(+)
tpHL(+)
Input
(D+, D-)
Output(+)
(HSD+)
50%
50%
VOL
50%
Output(-)
(HSD-)
50%
VOH
tpLH(-)
tpHL(-)
tSK(O)
tSK(O)
D+, D-
HSD+, HSD-
Control
GND
OE
VCC
Input


Similar Part No. - TC7USB31WBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7USB31FK TOSHIBA-TC7USB31FK Datasheet
231Kb / 12P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7USB31WBG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24392-Q1 TI1-BQ24392-Q1_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
BQ24392 TI1-BQ24392_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Integrated Device Techn...
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
ON Semiconductor
FSA553 ONSEMI-FSA553 Datasheet
364Kb / 9P
   Dual SPST Depletion Audio Switch
April 2015 Rev. 1.4
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com