Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3275Q Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3275Q
Description  PLL/OSC/MIX IC for Digital Tuner
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3275Q Datasheet(HTML) 1 Page - Sony Corporation

  CXA3275Q Datasheet HTML 1Page - Sony Corporation CXA3275Q Datasheet HTML 2Page - Sony Corporation CXA3275Q Datasheet HTML 3Page - Sony Corporation CXA3275Q Datasheet HTML 4Page - Sony Corporation CXA3275Q Datasheet HTML 5Page - Sony Corporation CXA3275Q Datasheet HTML 6Page - Sony Corporation CXA3275Q Datasheet HTML 7Page - Sony Corporation CXA3275Q Datasheet HTML 8Page - Sony Corporation CXA3275Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PLL/OSC/MIX IC for Digital Tuner
Description
The CXA3275Q is a monolithic tuner IC for single
conversion system digital broadcast tuners. This IC
integrates three sets of local oscillator and mixer
circuits (VHF Low Band/ VHF High Band/UHF Band),
an IF amplifier and a tuning PLL onto a single chip,
enabling further miniaturization of the tuner.
Features
• Balanced oscillators with low-phase noise and
excellent oscillation stability (UHF: 4 pins, VHF: 2 pins)
• High linearity mixer and IF amplifier
• IF output switchable between balanced and
unbalanced
• Low-phase noise PLL synthesizer
(3-wire bus format)
• Reference frequency programmable in 4 bits
• On-chip high voltage drive transistor for charge
pump
• On-chip 4-output band switch (PNP transistor
on/off)
• 40-pin QFP package
Applications
Digital CATV tuners
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
Vcc, PLLVcc
–0.3 to +6.0
V
IFVcc
–0.3 to +6.0
V
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
1.58
W
(when mounted on a printed circuit board)
Operating Conditions
• Supply voltage
Vcc, PLLVcc
4.5 to 5.5
V
IFVcc
4.5 to 5.5
V
• Operating temperature
Topr
–40 to +80
°C
– 1 –
E00461-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA3275Q
40 pin QFP (Plastic)
This IC has pins whose electrostatic discharge strength is weak as a high-frequency process is used for this IC.
Take care when handling the IC.


Similar Part No. - CXA3275Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3272R SONY-CXA3272R Datasheet
98Kb / 2P
   CXA3272R
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
   8-bit 160MSPS Flash A/D Converter
More results

Similar Description - CXA3275Q

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5431 NEC-2SC5431 Datasheet
55Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR UHF TUNER OSC/MIX
logo
Toshiba Semiconductor
TC9246F TOSHIBA-TC9246F Datasheet
404Kb / 10P
   PLL IC FOR DIGITAL AUDIO
TA1322FN TOSHIBA-TA1322FN Datasheet
215Kb / 21P
   DOWB-CONVERTER IC WITH PLL FOR SATELLITE TUNER
logo
New Japan Radio
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
   PLL Synthesizer with IC Bus for TV Tuner
logo
Toshiba Semiconductor
TA1296FN TOSHIBA-TA1296FN Datasheet
227Kb / 22P
   Down-Converter IC with PLL for Satellite Tuner
logo
Texas Instruments
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com