Selected language     English  ā–¼


TC7USB221FT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TC7USB221FT
Description  Dual SPDT USB Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 6 page
background image
TC7USB221FT
2009-11-16
6
AC Test Circuit Load/Waveform
Figure 1 : Propagation Delay Time (tpLH, tpHL)
VOL
VOH
0.4 V
0.8 V
50%
50%
tpLH
tpHL
Input
(D+, D-)
Output
(1D+, 1D-, 2D+, 2D+)
50%
50%
Output
D+, D-
1D+, 1D-
Control
GND
2D+, 2D-
OE
S
H or L
VCC
Input
Figure 2 : Turn ON/Turn OFF (tON, tOFF)
Output
D+, D-
1D+, 1D-
Control
GND
2D+, 2D-
S,
OE
VCC
VCC
Input
VOL
VOH
0 V
1.8 V
50%
tON
tOFF
Input
(S or
OE )
Output
(1D+, 1D-, 2D+, 2D-)
90%
50%
90%




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl