Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SSW-106-02-G-S-RA Datasheet(HTML) 11 Page - NXP Semiconductors

Part No. SSW-106-02-G-S-RA
Description  SSL1523 high power factor 5 W LED driver for universal
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SSW-106-02-G-S-RA Datasheet(HTML) 11 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
11 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
8.
Transformer specification
Figure 6 shows the transformer schematic:
Q10
dual transistor
PNP
BCM857DS
SC-74 (TSOP6)
SOT457
Farnell
1757904
NXP
BCM857DS
Q11
transistor PNP
BC857
SMD
-
-
-
-
R1
resistor
33
Ω 2 W
-
Farnell
1565460
Welwyn
-
R2
resistor
100
Ω
0603
-
-
-
-
R3
resistor
6.8 k
Ω
0603
-
-
-
MC34751
R4
resistor
220 k
Ω
0603
-
-
-
-
R5
resistor
20 k
Ω
0603
-
-
-
-
R6
resistor
47 k
Ω
0603
-
-
-
-
R7
resistor
120 k
Ω
0805
-
-
-
-
R8
resistor not
wirewound
2.4
Ω
1206
-
-
-
-
R9
resistor not
wirewound
2.4
Ω
1206
-
-
-
-
R10
current sense
resistor not
wirewound
1
Ω 1 W 1 %
-
Farnell
5383894
RCD
Components
F1S 1R
R11
resistor
220
Ω 1 %
0603
-
-
-
-
R12
resistor
220
Ω 1 %
0603
-
-
-
-
R13
resistor
1 k
Ω
0603
-
-
-
-
R17
resistor
1 k
Ω 1 %
0603
-
-
-
-
R14
resistor
10 k
Ω 1 %
0603
-
-
-
-
R15
resistor
10 k
Ω 1 %
0603
-
-
-
-
R19
resistor
10 k
Ω
0603
-
-
-
-
R20
resistor
10 k
Ω
0603
-
-
-
-
R16
resistor
6.2 k
Ω 1 %
0603
-
-
-
-
R18
variable resistor 4.7 k
Ω
potentiometer
leaded
Farnell
1227568
Tyco
CB10MV472ME
TX1
transformer
760871038
EE13
Wuerth
760871038 Wuerth
760871038
Table 2.
Bill of materials …continued
Fig 6.
Transformer schematic
6
7
2
3
4
1
N1
N3
019aaa137
N2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn