Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744772100 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 744772100
Description  SSL1523 high power factor 5 W LED driver for universal
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

744772100 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 744772100 Datasheet HTML 5Page - NXP Semiconductors 744772100 Datasheet HTML 6Page - NXP Semiconductors 744772100 Datasheet HTML 7Page - NXP Semiconductors 744772100 Datasheet HTML 8Page - NXP Semiconductors 744772100 Datasheet HTML 9Page - NXP Semiconductors 744772100 Datasheet HTML 10Page - NXP Semiconductors 744772100 Datasheet HTML 11Page - NXP Semiconductors 744772100 Datasheet HTML 12Page - NXP Semiconductors 744772100 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
7.
Board schematic
Fig 5.
Demo board schematic
019aaa136
SSL152X
DRAIN
HGND
HGND
HGND
HGND
HGND
HGND
SGND
SGND
2
3
1
C15 Y-Type
D10
TX1
760871038-E13
37
6
2
1
4
L10
R10
C12
1
μF, 35 V
R11
220
Ω
R12
220
Ω
R13
1 k
Ω
R14
10 k
Ω
R15
10 k
Ω
R20
10 k
Ω
R6
47 k
Ω
R2
100
Ω
R1
33
Ω, 2 W
F1
FUSE
TIME-LAG, 1A
3
1
4
2
L1
1 mH
13R105C
D5
D4
HER107
D2
P6KE400A
D1
RMB6S
C2
150 nF
400 V
C1
150 nF
400 V
D3
P6KE200A
HER107
R19
10 k
Ω
R18
4.7 k
Ω
R17
1 k
Ω
C13
6.8
μF
R16
6.2 k
Ω
D11
BZV55-C22
Q10
BCM857DS,115
Q11
BC857
D12
1N4148W-V-GS08
D13
BZV55-C6v2
IC2
TCDT1124
1
Ω, 1 W
K3-1
K3-2
K3-3
K3-4
K3-5
K3-6
1
2
K2
12 V(DC)
to
25 V(DC)
10
μH, 2.6 A
744772100
C11
1
μF
35 V
C10
1500
μF
35 V
R9
2.4
Ω
R5
20 k
Ω
C3
1
μF
35 V
D6
BZV55-C30
R4
220 k
Ω
C4
330 pF
R3
6.8 k
Ω
R8
2.4
Ω
R7
120 k
Ω
SB1H100
1 nF, 250 V AC
VCC
1
2
3
4
8
7
6
5
IC1
GND
RC
REG
n.c.
8RC
AUX
1
2
K4
CONTROL INPUT
2
1
K1
120 V(AC)
to
230 V(AC)
+


Similar Part No. - 744772100

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744772100 WURTH-744772100 Datasheet
973Kb / 6P
   WE-TI Radial Leaded Wire Wound Inductor
More results

Similar Description - 744772100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
   UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
STMicroelectronics
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
   15 W high power factor LED driver based on HVLED815PF
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
   High power factor LED driver chip
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
   High-Power Factor Flyback Converter for LED Driver with
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
logo
Linkage Goston Electron...
SM7352P LINKAGE-SM7352P Datasheet
1Mb / 7P
   HIgh-Power Factor LED Driver Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com