Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3286R Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA3286R
Description  8-bit 160MSPS Flash A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3286R Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3286R Datasheet HTML 4Page - Sony Corporation CXA3286R Datasheet HTML 5Page - Sony Corporation CXA3286R Datasheet HTML 6Page - Sony Corporation CXA3286R Datasheet HTML 7Page - Sony Corporation CXA3286R Datasheet HTML 8Page - Sony Corporation CXA3286R Datasheet HTML 9Page - Sony Corporation CXA3286R Datasheet HTML 10Page - Sony Corporation CXA3286R Datasheet HTML 11Page - Sony Corporation CXA3286R Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
– 8 –
CXA3286R
Resolution
DC characteristics
Integral linearity error
Differential linearity error
Analog input
Analog input capacitance
Analog input resistance
Analog input current
Reference input
Reference resistance
Reference current
Offset voltage VRT side
VRB side
Digital input (ECL, PECL)
Digital input voltage: High
: Low
Threshold voltage
Digital input current : High
: Low
Digital input capacitance
Digital input (TTL)
Digital input voltage: High
: Low
Threshold voltage
Digital input current : High
: Low
Digital input capacitance
Digital output (TTL)
Digital output voltage : High
: Low
Switching characteristics
Maximum conversion rate
Aperture jitter
Sampling delay
Clock high pulse width
Clock low pulse width
Reset signal setup time
Reset signal hold time
Clock output delay
Data output delay
Output rise time
Output fall time
Electrical Characteristics
( AVCC, DVCC1, 2, DGND3 = +5V, AGND, DGND1, 2, DVEE3 = 0V, VRT = 4V, VRB = 2V, Ta = 25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
EIL
EDL
CIN
RIN
IIN
Rref∗2
Iref∗3
EOT
EOB
VIH
VIL
VTH
IIH
IIL
VIH
VIL
VTH
IIH
IIL
VOH
VOL
Fc
Taj
Tds
Tpw1
Tpw0
T_rs
T_rh
Td_clk
Tdo1
Tdo2
Tr
Tf
7
0
400
2.7
6
0
DVEE3 + 1.5
DVEE3 + 1.1
–50
–50
2.0
–10
–20
2.4
160
1.2
2.5
2.9
1.0
–0.5
3.0
3.5
8
10
15
100
600
3.3
8
1.5
DGND3
1.2
1.5
10
1.3
4.0
T∗4 + 0.5
4.5
1
1
±0.5
±0.5
35
285
740
5.0
10
3
DGND3
VIH – 0.4
20
20
5
0.8
5
0
5
0.5
1.5
6.5
7.0
bits
LSB
LSB
pF
k
µA
mA
mV
mV
V
V
V
µA
µA
pF
V
V
V
µA
µA
pF
V
V
MSPS
ps
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
VIN = 2Vp-p, Fc = 5MSPS
VIN = +3.0V + 0.07Vrms
VIH = DGND3 – 0.8V
VIL = DGND3 – 1.6V
VIH = 3.5V
VIL = 0.2V
IOH = –2mA
IOL = 1mA
DMUX mode
CLK
CLK
RESETN – CLK
RESETN – CLK
(CL = 5pF)
DMUX mode
(CL = 5pF)
(CL = 5pF)
0.8 to 2.0V
(CL = 5pF)
0.8 to 2.0V
(CL = 5pF)
∗ These characteristics are for PECL input unless otherwise specified.


Similar Part No. - CXA3286R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

Similar Description - CXA3286R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
   8-bit 160MSPS Flash A/D Converter
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
   10/9/8-BIT 160MSPS D/A CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com