Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD Datasheet(PDF) 2 Page - Texas Instruments

Part # STD
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 2 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
Introduction
2
Description
2.1
Typical Applications
2.2
Features
User's Guide
SLUU355A – March 2009 – Revised June 2009
A 0.9-A Constant Current Supply with PFC for 100-W LED
Lighting Applications
The UCC28810EVM-002 is a constant current non-isolated power supply for LED lighting applications. It
will convert universal mains (90 VRMS to 264 VRMS) to a 0.9-A constant current into a 100-W load. This
evaluation module will allow the customer evaluate the UCC28810/11 in a typical LED lighting application.
The evaluation module uses a two stage approach to controlling the output current.
The first stage is a transition mode PFC circuit. This ensures the design meets the harmonic current or
power factor requirements set out by various standards, such as EN61000-3-2. The PFC circuit converts
the AC input to a regulated DC voltage. This DC voltage can be configured in one of two ways. The
default configuration of the module is that of a boost follower type PFC. The boost follower PFC is where
the PFC regulated output DC voltage tracks the AC input peak voltage. The second configuration requires
removing some components and changing a resistor value see below for more details. This second
configuration removes the tracking element of the PFC circuit. The PFC DC output voltage will then be
regulated to a fixed value in the region of 396 VDC.
The second stage also uses transition mode but is configured as a buck converter. It converts the PFC
output voltage to a fixed constant current. This circuit is capable of supplying 0.9 A into a 100-W load. It
also accepts PWM dimming inputs. Alternatively the user can use the PWM circuit on the module to see
the dimming function.
This module will work with most high brightness LED’s (HB-LED) that operate with 0.9 A and a total string
voltage drop of between 55 V and 110 V.
• AC Input General Lighting Applications Using HB-LED’s
• Industrial, Commercial and Residential Lighting Fixtures
• Outdoor Lighting: Street, Roadway, Parking, Construction and Ornamental LED Lighting Fixtures
• 90 VRMS to 264 VRMS operation
• Boost Follower or Fixed Output PFC Stage
• PFC Disable
• Output Current Disable
• External or Internal PWM Dimming
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
2
SLUU355A – March 2009 – Revised June 2009
Submit Documentation Feedback


Similar Part No. - STD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
Std TI1-Std Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
STD TI1-STD Datasheet
1Mb / 15P
[Old version datasheet]   TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
STD TI1-STD Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
STD TI1-STD Datasheet
454Kb / 11P
[Old version datasheet]   TPS63000EVM-148
Std TI1-Std Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
More results

Similar Description - STD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3339 STMICROELECTRONICS-AN3339 Datasheet
1Mb / 44P
   185 W power supply with PFC and standby supply for LED TV
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
   1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Coilcraft lnc.
HA3858 COILCRAFT-HA3858_16 Datasheet
390Kb / 2P
   Magnetics for 300 W Power Supply with PFC
logo
STMicroelectronics
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
   1.5 A max constant current LED driver
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
   0.5 A max constant current LED driver
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
   2 A max constant current LED driver
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
   0.5 A max constant current LED driver
STCS2 STMICROELECTRONICS-STCS2 Datasheet
280Kb / 16P
   2 A max constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com