Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD Datasheet(PDF) 8 Page - Texas Instruments

Part # STD
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 8 Page - Texas Instruments

Back Button STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
6
Test Procedure
6.1
Applying Power to the EVM
6.2
Line/Load Regulation and Efficiency Measurement Procedure
6.3
PFC Disable
Test Procedure
www.ti.com
All tests will use the set up described in Section 5 of this user guide. Ensure potentiometer R26 is rotated
completely clockwise.
WARNING
HIGH VOLTAGE levels are present on this evaluation module
whenever it is energized. Proper precautions must be observed
whenever working with this module. There is an energy storage
capacitor (C17) on this module which must be discharged before
the board can be handled. Serious injury can occur if proper safety
procedures are not followed.
1. Set up the EVM as described in Section 5 of this user guide.
2. Ensure the AC source is off.
3. Ensure potentiometer R26 is rotated completely clockwise.
4. Set constant voltage load to between 55 V and 110 V. If using a HB-LED string ensure the voltage
drop, when operating, is between 55 V to 110 V nominal. Note the 1000-
µF/250 V capacitor is not
required on the output if using a HB-LED string.
5. Set AC source to 90 VRMS.
6. Turn on AC source.
7. Monitor PFC output voltage at TP4 and TP5, V2.
8. Monitor output current at A1.
9. Monitor output voltage at V1.
10. The EVM is now ready for testing.
1. Apply power to the EVM per Section 6.1.
2. Vary the constant voltage load from 110 V to 55 V.
3. Observe output current on A1 stays constant.
4. Vary AC source from 90 VRMS to 264 VRMS.
5. Observe output current on A1 stays constant.
6. PFC inductor ripple current can be measured at CL1 using an oscilloscope and current probe.
7. The buck output inductor current can be measured at CL2 using an oscilloscope and current probe.
8. See Section 7 for some typical test results.
1. Ensure the AC source is off.
2. Connect a DC source to J2.
3. Set DC source to 0 V.
4. Apply power to the EVM per Section 6.1.
5. Increase DC source to 3.3 V. This input can accept up to 12 V.
6. Observe PFC output voltage reduces, V2.
7. PFC inductor ripple current looses high frequency component.
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
8
SLUU355A – March 2009 – Revised June 2009
Submit Documentation Feedback


Similar Part No. - STD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
Std TI1-Std Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
STD TI1-STD Datasheet
1Mb / 15P
[Old version datasheet]   TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
STD TI1-STD Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
STD TI1-STD Datasheet
454Kb / 11P
[Old version datasheet]   TPS63000EVM-148
Std TI1-Std Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
More results

Similar Description - STD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3339 STMICROELECTRONICS-AN3339 Datasheet
1Mb / 44P
   185 W power supply with PFC and standby supply for LED TV
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
   1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Coilcraft lnc.
HA3858 COILCRAFT-HA3858_16 Datasheet
390Kb / 2P
   Magnetics for 300 W Power Supply with PFC
logo
STMicroelectronics
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
   1.5 A max constant current LED driver
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
   0.5 A max constant current LED driver
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
   2 A max constant current LED driver
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
   0.5 A max constant current LED driver
STCS2 STMICROELECTRONICS-STCS2 Datasheet
280Kb / 16P
   2 A max constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com