Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WH245FK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7WH245FK
Description  Dual Bus Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH245FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7WH245FK_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7WH245FK_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7WH245FK_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7WH245FK_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7WH245FK_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7WH245FK_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7WH245FK_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7WH245FU/FK
2009-09-29
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristic
Symbol
Test Condition
VCC (V)
Min.
Typ.
Max.
Min.
Max.
Unit
2.0
1.5
1.5
High-Level
Input Voltage
VIH
3.0 to
5.5
VCC
× 0.7
VCC
× 0.7
2.0
0.5
0.5
Low-Level
Input Voltage
VIL
3.0 to
5.5
VCC
× 0.3
VCC
× 0.3
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
IOH = −50 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
3.0
2.58
2.48
High-Level
Output Voltage
VOH
VIN =
VIH or VIL
IOH = −8 mA
4.5
3.94
3.80
2.0
0.0
0.1
0.1
3.0
0.0
0.1
0.1
IOL = 50 μA
4.5
0.0
0.1
0.1
IOL = 4 mA
3.0
0.36
0.44
Low-Level
Output Voltage
VOL
VIN =
VIH or VIL
IOL = 8 mA
4.5
0.36
0.44
V
3-State Output
Off-State Current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.25
±2.50
μA
Input Leakage
Current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
Quiescent Spply Current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA


Similar Part No. - TC7WH245FK_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH245FK TOSHIBA-TC7WH245FK Datasheet
224Kb / 6P
   DUAL BUS TRANSCEIVER
TC7WH245FK TOSHIBA-TC7WH245FK Datasheet
260Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS TRANSCEIVER
More results

Similar Description - TC7WH245FK_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH245FU TOSHIBA-TC7WH245FU Datasheet
224Kb / 6P
   DUAL BUS TRANSCEIVER
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC3245 STMICROELECTRONICS-74LVXC3245 Datasheet
345Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Texas Instruments
SN74AVCAH164245 TI-SN74AVCAH164245 Datasheet
376Kb / 15P
[Old version datasheet]   16 BIT DUAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com