Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF7G20LS-140P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF7G20LS-140P
Description  RF Manual 16th edition
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF7G20LS-140P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF7G20LS-140P Datasheet HTML 6Page - NXP Semiconductors BLF7G20LS-140P Datasheet HTML 7Page - NXP Semiconductors BLF7G20LS-140P Datasheet HTML 8Page - NXP Semiconductors BLF7G20LS-140P Datasheet HTML 9Page - NXP Semiconductors BLF7G20LS-140P Datasheet HTML 10Page - NXP Semiconductors BLF7G20LS-140P Datasheet HTML 11Page - NXP Semiconductors BLF7G20LS-140P Datasheet HTML 12Page - NXP Semiconductors BLF7G20LS-140P Datasheet HTML 13Page - NXP Semiconductors BLF7G20LS-140P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
11
NXP Semiconductors RF Manual 16th edition
Product highlight:
Digital VGAs BGA7204 & BGA7210
These 6-bit digital VGAs offer high linearity (35 dBm @ 2.2-2.8 GHz)
and high output power (23 dBm @ 2.2-2.8 GHz) across a large
bandwidth without external matching. Smart routing with no
connection crosses simplifies design and decreases footprint by 25%.
The unique power-save mode can effectively reduce the current
consumption in TDD systems up to 45%. The BGA7210 adds flexible
current distribution across its two amplifiers, depending on the
attenuation state, to save current.
Features
` Internally matched for 50 Ω
- BGA7204 = 0.4 to 2.75 GHz
- BGA7210 = 0.7 to 3.8 GHz
` High maximum power gain
- BGA7204 = 18.5 dB
- BGA7210 = 30 dB
` High output third-order intercept, IP3
O
- BGA7204 = 38 dB
- BGA7210 = 39 dB
` Attenuation range of 31.5 dB, 0.5 dB step size (6 bit)
` Fast switching power-save mode (power-down pin)
` Digitally controlled current setting from 120 to 195 mA with an
optimum at 185mA (BGA7210 only)
` Simple control interfaces (SPI)
` ESD protection on all pins (HBM 4 kV; CDM 2 kV)
Function
Product
Package
Type
Discrete
attenuator
RF diode
PIN diode
SOT753
BAP64Q
SOT753
BAP70Q
Various
BAP64^
Function
Product
Package
Type
LNA (low noise
amplifier)
RF transistor
SiGe:C transistor
SOT343F
BFU725F/N1
BFU690F
BFU730F
BFU760F
BFU790F
MMIC
SiGe:C MMIC
SOT650
BGU7051
BGU7052
BGU7053
SOT1301
BGU7060
BGU7061
BGU7062
BGU7063
Function
Product
Gain range
Package
Type
Single VGA
(variable-gain
amplifier)
MMIC
31 dB
SOT617
BGA7210
BGA7204
Function
Product
Gain range
Package
Type
Dual VGA
(variable-gain
amplifier)
MMIC
24 dB
SOT617
BGA7350
28 dB
BGA7351
Function
Product
PL (1dB) @ 940 MHz
Package
Type
MPA
(medium
power
amplifier)
MMIC
24 dBm
SOT89
BGA7024
28 dBm
BGA7027
25 dBm
SOT908
BGA7124
28 dBm
BGA7127
30 dBm
BGA7130
Function
Product
Frequency
Package
Type
Dual mixer
MMIC
0.7 - 1.2 GHz
SOT1092
BGX7220
1.7 -2.7 GHz
BGX7221
Function
Product
Noise
Package
Type
PLL + VCO
(LO generator)
MMIC
131 dBc/Hz @ 1 MHz
offset @ 5.3 GHz
SOT617
BGX7300*
Function
Product
Output power
Package
Type
IQ modulator
MMIC
0 dBm
SOT616
BGX7100
4 dBm
BGX7101
* Check status in section 3.1, as this type is not yet released for mass production
for mass production
^ SOD523, SOD323, SOT23 & SOT323


Similar Part No. - BLF7G20LS-140P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF7G20LS-140P PHILIPS-BLF7G20LS-140P_15 Datasheet
450Kb / 13P
   Power LDMOS transistor
Rev. 2-17 August 2010
More results

Similar Description - BLF7G20LS-140P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
   RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
API Technologies Corp
3056 APITECH-3056 Datasheet
477Kb / 1P
   RF Manual Step Attenuator
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
   Extreme edition sequence
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
2611 YANTEL-2611 Datasheet
142Kb / 2P
   SMD RF Manual Tunable Inductor
2616 YANTEL-2616 Datasheet
135Kb / 2P
   SMD RF Manual Tunable Inductor
2713 YANTEL-2713 Datasheet
182Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com