Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC126P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74AC126P
Description  Quad Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC126P Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74AC126P_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC126P_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC126P_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC126P_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC126P_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC126P_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC126P_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC126P_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC126P_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74AC125P/F/FT,126P/F
2012-02-29
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±50
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±100
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP/TSSOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta = −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be
applied up to 300 mW.
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Similar Part No. - TC74AC126P_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC126P TOSHIBA-TC74AC126P_07 Datasheet
271Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC74AC126P_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F_07 Datasheet
259Kb / 11P
   Quad Bus Buffer
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHC125F TOSHIBA-TC74VHC125F_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com