Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC175F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74AC175F
Description  Quad D-Type Flip Flop with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC175F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74AC175F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC175F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC175F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC175F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC175F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC175F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC175F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC175F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC175F_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74AC175P/F/FT
2012-02-29
5
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(CK-Q, Q )
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
8.2
6.1
13.9
8.7
1.0
1.0
16.0
10.0
ns
Propagation delay
time
(
CLR -Q, Q )
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
7.8
6.1
13.3
8.7
1.0
1.0
15.3
10.0
ns
Maximum clock
frequency
fmax
3.3 ± 0.3
5.0 ± 0.5
40
80
80
150
40
80
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
85
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/4 (per F/F)
And the total CPD when n pcs of flip flop operate can be gained by the following equation:
CPD (total) = 35 + 50·n


Similar Part No. - TC74AC175F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC175FN TOSHIBA-TC74AC175FN Datasheet
298Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC175FN TOSHIBA-TC74AC175FN Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74AC175FT TOSHIBA-TC74AC175FT Datasheet
298Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC175FT TOSHIBA-TC74AC175FT Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_07 Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
More results

Similar Description - TC74AC175F_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
   QUAD D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
   Quad D-Type Flip Flop with Clear
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
   QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
   Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
   Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
   Quad D-Type Flip-Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
   QUAD D-TYPE FLIP-FLOP WITH CLEAR
TC74HC175AP TOSHIBA-TC74HC175AP_07 Datasheet
316Kb / 10P
   Quad D-Type Flip Flop with Clear
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
   Quad D-Type Flip-Flop With Clear
Revised February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com