Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74ACT161P Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74ACT161P
Description  Synchronous Presettable 4-Bit Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT161P Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74ACT161P_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74ACT161P_12 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC74ACT161,163P/F
2012-02-29
6
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta = −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
4.5 to
5.5
2.0
2.0
V
Low-level input
voltage
VIL
4.5 to
5.5
0.8
0.8
V
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −50 μA
IOH = −24 mA
IOH = −75 mA
(Note)
4.5
4.5
5.5
4.4
3.94
4.5
4.4
3.80
3.85
V
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 50 μA
IOL = 24 mA
IOL = 75 mA
(Note)
4.5
4.5
5.5
0.0
0.1
0.36
0.1
0.44
1.65
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
8.0
80.0
μA
Quiescent supply
current
IC
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.5
mA
Note:
This spec indicates the capability of driving 50 Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta =
25°C
Ta =
−40 to
85°C
Characteristics
Symbol
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
Figure 1
5.0 ± 0.5
5.0
5.0
ns
Minimum pulse width
(
CLR )
(Note1)
tW (L)
Figure 4
5.0 ± 0.5
5.0
5.0
ns
Minimum pulse width
( LOAD , ENP, ENT)
ts
Figure 2, Figure 3
5.0 ± 0.5
6.0
6.0
ns
Minimum set-up time
(A, B, C, D)
ts
Figure 2
5.0 ± 0.5
4.0
4.0
ns
Minimum set-up time
( CLR )
(Note 2)
ts
Figure 5
5.0 ± 0.5
3.0
3.0
ns
Minimum hold time
( LOAD , ENP, ENT)
th
Figure 2, Figure 3
5.0 ± 0.5
1.0
1.0
ns
Minimum hold time
(A, B, C, D)
th
Figure 2
5.0 ± 0.5
2.0
2.0
ns
Minimum hold time
( CLR )
(Note 2)
th
Figure 5
5.0 ± 0.5
2.0
2.0
ns
Minimum removal time
( CLR )
(Note 1)
trem
Figure 4
5.0 ± 0.5
1.0
1.0
ns
Note 1: For TC74ACT161 only
Note 2: For TC74ACT163 only


Similar Part No. - TC74ACT161P_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT161P TOSHIBA-TC74ACT161P_07 Datasheet
654Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Synchronous Presettable 4-Bit Binary Counter
More results

Similar Description - TC74ACT161P_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC161F TOSHIBA-TC74AC161F Datasheet
428Kb / 11P
   SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTER
TC74ACT161P TOSHIBA-TC74ACT161P Datasheet
411Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT BINARY COUNTER
TC7MH161FK TOSHIBA-TC7MH161FK_07 Datasheet
247Kb / 12P
   Synchronous Presettable 4-Bit Binary Counter
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
logo
NXP Semiconductors
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com