Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3555N Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA3555N
Description  All Band Tuner IC with On-chip PLL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3555N Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3555N Datasheet HTML 4Page - Sony Corporation CXA3555N Datasheet HTML 5Page - Sony Corporation CXA3555N Datasheet HTML 6Page - Sony Corporation CXA3555N Datasheet HTML 7Page - Sony Corporation CXA3555N Datasheet HTML 8Page - Sony Corporation CXA3555N Datasheet HTML 9Page - Sony Corporation CXA3555N Datasheet HTML 10Page - Sony Corporation CXA3555N Datasheet HTML 11Page - Sony Corporation CXA3555N Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
– 8 –
CXA3555N
Electrical Characteristics (See the Electrical Characteristics Measurement Circuit.)
(Vcc = 5V, IFVCC = 5V, Ta = 25°C)
Circuit Current
Item
Symbol
Iccv
Iccu
Measurement conditions
VCC current
Band switch output open during VHF operation
VCC current
Band switch output open during UHF operation
Min.
Typ.
56
56
Max.
Unit
mA
mA
OSC/MIX/IF Amplifier Block
Item
Symbol
CG1
CG2
CG3
CG4
CG5
CG6
CG7
CG8
NF1
NF2
NF3
NF4
NF5
NF6
NF7
NF8
CM1
CM2
CM3
CM4
CM5
CM6
CM7
CM8
Pomax
Measurement conditions
VHF operation fRF = 55MHz
High gain mode
VHF operation fRF = 360MHz High gain mode
UHF operation fRF = 360MHz High gain mode
UHF operation fRF = 800MHz High gain mode
VHF operation fRF = 55MHz
Low gain mode
VHF operation fRF = 360MHz Low gain mode
UHF operation fRF = 360MHz Low gain mode
UHF operation fRF = 800MHz Low gain mode
VHF operation fRF = 55MHz
High gain mode
VHF operation fRF = 360MHz High gain mode
UHF operation fRF = 360MHz High gain mode
UHF operation fRF = 800MHz High gain mode
VHF operation fRF = 55MHz
Low gain mode
VHF operation fRF = 360MHz Low gain mode
UHF operation fRF = 360MHz Low gain mode
UHF operation fRF = 800MHz Low gain mode
VHF operation fD = 55MHz
fUD = ±12MHz (30% AM)
High gain mode
VHF operation fD = 360MHz
fUD = ±12MHz (30% AM)
High gain mode
UHF operation fD = 360MHz
fUD = ±12MHz (30% AM)
High gain mode
UHF operation fD = 800MHz
fUD = ±12MHz (30% AM)
High gain mode
VHF operation fD = 55MHz
fUD = ±12MHz (30% AM)
Low gain mode
VHF operation fD = 360MHz
fUD = ±12MHz (30% AM)
Low gain mode
UHF operation fD = 360MHz
fUD = ±12 MHz (30% AM) Low gain mode
UHF operation fD = 800MHz
fUD = ±12 MHz (30% AM) Low gain mode
50
Ω load, saturation output
Min.
Typ.
22.0
22.5
26.0
26.0
20.0
20.5
24.0
24.0
12
12
10
11
13
13
11
12
103
103
101
98
104
104
102
98
11
Max.
Unit
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dBµ
dBµ
dBµ
dBµ
dBµ
dBµ
dBµ
dBµ
dBm
78
78
35
35
25.0
25.5
29.0
29.0
23.0
23.5
27.0
27.0
15
15
13
14
16
16
14
15
19.0
19.5
23.0
23.0
17.0
17.5
21.0
21.0
99
99
97
94
100
100
98
94
8
Circuit current
Conversion gain∗1
Noise figure∗1, ∗2
1% cross
modulation 1∗1, ∗3
Maximum output power


Similar Part No. - CXA3555N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3556N SONY-CXA3556N Datasheet
142Kb / 13P
   IF Down Converter for Digital Broadcast
More results

Similar Description - CXA3555N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com