Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3556N Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA3556N
Description  IF Down Converter for Digital Broadcast
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3556N Datasheet(HTML) 3 Page - Sony Corporation

  CXA3556N Datasheet HTML 1Page - Sony Corporation CXA3556N Datasheet HTML 2Page - Sony Corporation CXA3556N Datasheet HTML 3Page - Sony Corporation CXA3556N Datasheet HTML 4Page - Sony Corporation CXA3556N Datasheet HTML 5Page - Sony Corporation CXA3556N Datasheet HTML 6Page - Sony Corporation CXA3556N Datasheet HTML 7Page - Sony Corporation CXA3556N Datasheet HTML 8Page - Sony Corporation CXA3556N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
– 3 –
CXA3556N
Pin Description and Equivalent Circuit
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Pin description
10
22
1
2
5k
5k
AGCGND
VCC1
3
22
AGCGND
10
22
4
AGCGND
VCC1
10
22
5
AGCGND
VCC1
6
GND
VCC1
9
7
8
10
19
1
IFIN1
1.4V
2
IFIN2
1.4V
IF inputs.
3
RFAGC
RF AGC voltage output.
Comparator output.
Low level: 0.4V or less
High level: 8V or more
4
IREG
2.6V
Connects external resistance
27k
Ω.
5VREG
3.3V
Connects external capacitance
1µF.
Connects external capacitance
and crystal oscillator.
7
LOC1
3.7V
8
LOC2
3.7V
9
LOB2
2.9V
6
LOB1
2.9V


Similar Part No. - CXA3556N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
More results

Similar Description - CXA3556N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
logo
NEC
UPC2798GR NEC-UPC2798GR Datasheet
160Kb / 24P
   IF DOWN CONVERTOR IC FOR DIGITAL CATV
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
logo
NXP Semiconductors
TDA8060ATS PHILIPS-TDA8060ATS Datasheet
87Kb / 16P
   Satellite ZERO-IF QPSK down-converter
2000 Nov 10
TDA8060TS PHILIPS-TDA8060TS Datasheet
539Kb / 16P
   Satellite ZERO-IF QPSK down-converter
1999 Aug 30
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com