Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HCT139AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HCT139AF
Description  Dual 2-to-4 Line Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT139AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HCT139AF_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT139AF_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT139AF_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT139AF_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT139AF_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT139AF_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT139AF_12 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74HCT139AP/AF
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HCT139AP,TC74HCT139AF
Dual 2-to-4 Line Decoder
The TC74HCT139A is a high speed CMOS 2-to-4 LINE
DECODER/DEMULTIPLEXER fabricated with silicon gate
C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
The active low enable input can be used for gating or it can be
used as a data input for demultiplexing applications.
When the enable input is held “H”, all four outputs are fixed at
a high logic level independent of the other inputs.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 17 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIH = 2 V (min)
VIL = 0.8 V (max)
• Wide interfacing ability: LSTTL, NMOS, CMOS
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74LS139
Pin Assignment
TC74HCT139AP
TC74HCT139AF
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HCT139AF_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT139AFN TOSHIBA-TC74HCT139AFN Datasheet
217Kb / 5P
   DUAL 2-TO-4 LINE DECODER
TC74HCT139AFN TOSHIBA-TC74HCT139AFN Datasheet
283Kb / 8P
   Dual 2-to-4 Line Decoder
More results

Similar Description - TC74HCT139AF_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74AC139F TOSHIBA-TC74AC139F_12 Datasheet
233Kb / 8P
   Dual 2-to-4 Line Decoder
TC74ACT139F TOSHIBA-TC74ACT139F_12 Datasheet
232Kb / 8P
   Dual 2-to-4 Line Decoder
TC74VHC139F TOSHIBA-TC74VHC139F_12 Datasheet
230Kb / 8P
   Dual 2-to-4 Line Decoder
logo
National Semiconductor ...
MM54HCT139 NSC-MM54HCT139 Datasheet
115Kb / 4P
   Dual 2-To-4 Line Decoder
logo
Toshiba Semiconductor
TC74VHCT139AF TOSHIBA-TC74VHCT139AF_07 Datasheet
258Kb / 9P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
TC74VHC139F TOSHIBA-TC74VHC139F_07 Datasheet
227Kb / 8P
   Dual 2-to-4 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P Datasheet
271Kb / 6P
   DUAL 2 - TO - 4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com