Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX14FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74LCX14FK
Description  Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX14FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74LCX14FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX14FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX14FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX14FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX14FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX14FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX14FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX14FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX14FK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74LCX14F/FT/FK
2012-02-29
4
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.65
0.7
1.35
2.3
0.95
1.7
H-level
VP
3.0
1.2
2.2
1.65
0.3
0.8
2.3
0.45
1.15
Threshold voltage
L-level
VN
3.0
0.6
1.5
V
1.65
0.3
0.8
2.3
0.35
1.0
Hysteresis voltage
VH
3.0
0.4
1.2
V
IOH = −100 μA 1.65 to 3.6 VCC−0.2
IOH = −4 mA
1.65
1.05
IOH = −8 mA
2.3
1.7
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
H-level
VOH
VIN = VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
1.65 to 3.6
0.2
IOL = 4 mA
1.65
0.45
IOL = 8 mA
2.3
0.7
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
Output voltage
L-level
VOL
VIN = VIH
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0 to 5.5 V
1.65 to 3.6
±5.0
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
10.0
μA
VIN = VCC or GND
1.65 to 3.6
10.0
Quiescent supply current
ICC
VIN = 3.6 to 5.5 V
1.65 to 3.6
±10.0
Increase in Icc per input
ΔICC
VIH = VCC − 0.6 V
2.7 to 3.6
500
μA


Similar Part No. - TC74LCX14FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX14FK TOSHIBA-TC74LCX14FK Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX14FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74VCX14FT TOSHIBA-TC74VCX14FT_07 Datasheet
250Kb / 11P
   Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LCX14 ONSEMI-MC74LCX14 Datasheet
90Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs
May, 2005 ??Rev. 5
logo
Toshiba Semiconductor
TC74LCX05F TOSHIBA-TC74LCX05F Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_12 Datasheet
234Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_07 Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com