Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA48 Datasheet(PDF) 1 Page - Protek Devices

Part # 15KPA48
Description  15kW power tvs component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KPA48 Datasheet(HTML) 1 Page - Protek Devices

  15KPA48 Datasheet HTML 1Page - Protek Devices 15KPA48 Datasheet HTML 2Page - Protek Devices 15KPA48 Datasheet HTML 3Page - Protek Devices 15KPA48 Datasheet HTML 4Page - Protek Devices 15KPA48 Datasheet HTML 5Page - Protek Devices 15KPA48 Datasheet HTML 6Page - Protek Devices 15KPA48 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05024.R18 9/12
Page 1
15KPA17A - 15KPA280A
15kW PoWeR tvs comPonent
DescRiPtion
The 15KPA Series, are discrete 15,000 Watt, silicon transient voltage suppressors (TVS) designed for use in applications
where large voltage transients can permanently damage voltage sensitive components and equipment.
The 15KPA series is available in voltages ranging from 17V to 280V with 5 percent and 10 percent tolerances. Both
tolerances are referenced to the power supply output or operating voltage level. This series is compatiable with IEC
61000-4-5 (Surge) requirements.
FeAtuRes
• Compatible with IEC 61000-4-5 (Surge): 48A, 8/20µs - L3(Line-
Ground), L4(Line-Line) & L1 (Power)
• 15,000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional and Bidirectional Configurations
• Easy Mounting to Printed Circuit Board
• tClamping (0V to V
BR Min.) < 1 x 10
-12
seconds theoretical (Unidirec-
tional) and < 5ns (Bidirectional)
• Available in Multiple Voltages Ranging From 17V to 280V
• RoHS Complaint (Exemption #7)
mechAnicAl chARActeRistics
• Molded Case
• Approximate Weight: 5 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
APPlicAtions
• Relay Drives
• Motor (Start/Stop) Back EMF Protection
• Module Lightning Protection
• Secondary Lightning Protection for AC/DC
ciRcuit DiAGRAms
AXiAl leAD PAcKAGe
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - 15KPA48

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA48 PROTEC-15KPA48 Datasheet
72Kb / 5P
   POWER TVS COMPONENT
logo
New Jersey Semi-Conduct...
15KPA48 NJSEMI-15KPA48 Datasheet
1Mb / 2P
   HIGHCURRENT THRU-HOLE DISCRETE TVS DIODE
logo
Ruilongyuan Electronics...
15KPA48A RUILON-15KPA48A Datasheet
877Kb / 7P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
15KPA48A SOCAY-15KPA48A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Protek Devices
15KPA48A PROTEC-15KPA48A Datasheet
72Kb / 5P
   POWER TVS COMPONENT
More results

Similar Description - 15KPA48

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com