Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX74FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74LCX74FT
Description  Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX74FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74LCX74FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC74LCX74F/FT/FK
2012-02-29
4
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.65 to 2.3
VCC×0.9
2.3 to 2.7
1.7
H-level
VIH
2.7 to 3.6
2.0
1.65 to 2.3
VCC×0.1
2.3 to 2.7
0.7
Input voltage
L-level
VIL
2.7 to 3.6
0.8
V
IOH = −100 μA 1.65 to 3.6
VCC−0.2
IOH = −4 mA
1.65
1.05
IOH = −8 mA
2.3
1.7
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
H-level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
1.65 to 3.6
0.2
IOL = 4 mA
1.65
0.45
IOL = 8 mA
2.3
0.7
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0 to 5.5 V
1.65 to 3.6
±5.0
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
10.0
μA
VIN = VCC or GND
1.65 to 3.6
10.0
Quiescent supply current
ICC
VIN = 3.6 to 5.5 V
1.65 to 3.6
±10.0
Increase in ICC per input
ΔICC
VIH = VCC − 0.6 V
1.65 to 3.6
500
μA


Similar Part No. - TC74LCX74FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
181Kb / 9P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX74FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX74F TOSHIBA-TC74LCX74F_07 Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
181Kb / 9P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74LCX16374FT TOSHIBA-TC74LCX16374FT Datasheet
193Kb / 10P
   Low-Voltage 16-Bit D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT Datasheet
316Kb / 8P
   LOW VOLTAGE DUAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com