Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX74FT Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74LCX74FT
Description  Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX74FT Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74LCX74FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74LCX74F/FT/FK
2012-02-29
7
AC Waveform
VCC
Symbol
3.3
± 0.3 V
2.7V
2.5
± 0.2 V
1.8
± 0.15 V
VIH
2.7V
VCC
VCC
VIM
1.5V
VCC/2
VCC/2
Input
tr,tf
2.5ns
2.0ns
2.0ns
Output
VOM
1.5V
VOH/2
VOH/2
CL
50pF
30pF
30pF
Load
RL
500Ω
500Ω
1kΩ
tpHL, LH
tw (L)
tw (L)
tpHL, LH
VOM
VOM
GND
VIH
GND
VIH
VOL
VOH
Output
(Q, Q)
Input
( CLR )
Input
( PR )
90%
10%
Output
(Q, Q)
Input
( CLR , PR )
tr
VIM
tr
VIM
10%
trem
Input
(CK)
90%
GND
VIH
GND
VIH
VOL
VOH
Figure 3 trem
Figure 4 tpLH, tpHL
Figure 2 tpLH, tpHL, tw, ts, th
10%
90%
10%
Output
(Q, Q)
Input
(CK)
GND
VIH
ts (H)
tr
tf
VIM
90%
VIM
th (H)
ts (L)
th (L)
tw (H)
tw (L)
tpHL, LH
tpLH, HL
VOM
Input
(D)
GND
VIH
VOL
VOH
tr
tf


Similar Part No. - TC74LCX74FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
181Kb / 9P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX74FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX74F TOSHIBA-TC74LCX74F_07 Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
181Kb / 9P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74LCX16374FT TOSHIBA-TC74LCX16374FT Datasheet
193Kb / 10P
   Low-Voltage 16-Bit D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT Datasheet
316Kb / 8P
   LOW VOLTAGE DUAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com