Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX74FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LCX74FT
Description  Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX74FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX74FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX74FT_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74LCX74F/FT/FK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX74F,TC74LCX74FT,TC74LCX74FK
Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
The TC74LCX74 is a high-performance CMOS D-type flip-flop.
Designed for use in 3.3-V systems, it achieves high-speed
operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
inputs.
The signal level applied to the D input is transferred to Q
output during the positive going transition of the CK pulse.
CLR and PR are independent of the CK and are accomplished
by setting the appropriate input low.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low-voltage operation: VCC = 1.65 to 3.6 V
• High-speed operation: tpd = 7.0 ns (max) (VCC = 3.0 to 3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: >±500 mA
• Available in JEITA SOP, TSSOP and VSSOP (US)
• Power-down protection is provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 74 type
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
Note: The Electrical Characteristics of VCC=1.8±0.15V is only applicable for products which manufactured
from January 2009 onward.
TC74LCX74F
TC74LCX74FT
TC74LCX74FK


Similar Part No. - TC74LCX74FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
181Kb / 9P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX74FT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX74F TOSHIBA-TC74LCX74F_07 Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
181Kb / 9P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74LCX16374FT TOSHIBA-TC74LCX16374FT Datasheet
193Kb / 10P
   Low-Voltage 16-Bit D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT Datasheet
316Kb / 8P
   LOW VOLTAGE DUAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com