Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX138F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74LCX138F
Description  Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX138F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74LCX138F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX138F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC74LCX138F/FT/FK
2012-02-29
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Outputs
Enable
Select
G1
A
2
G
B
2
G
C
B
A
0
Y
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
7
Y
Selected Output
L
X
X
X
X
X
H
H
H
H
H
H
H
H
None
X
H
X
X
X
X
H
H
H
H
H
H
H
H
None
X
X
H
X
X
X
H
H
H
H
H
H
H
H
None
H
L
L
L
L
L
L
H
H
H
H
H
H
H
0
Y
H
L
L
L
L
H
H
L
H
H
H
H
H
H
1
Y
H
L
L
L
H
L
H
H
L
H
H
H
H
H
2
Y
H
L
L
L
H
H
H
H
H
L
H
H
H
H
3
Y
H
L
L
H
L
L
H
H
H
H
L
H
H
H
4
Y
H
L
L
H
L
H
H
H
H
H
H
L
H
H
5
Y
H
L
L
H
H
L
H
H
H
H
H
H
L
H
6
Y
H
L
L
H
H
H
H
H
H
H
H
H
H
L
7
Y
X: Don’t care
VCC
16
0
Y
1
Y
2
Y
3
Y
4
Y
15
14
13
12
11
10
A
1
2
3
4
5
6
7
B
C
A
2
G
B
2
G
G1
7
Y
5
Y
8
GND
9
6
Y
1
EN
0
3
2
5
4
7
6
B
A
C
G1
A
2
G
(14)
(15)
(12)
(13)
(10)
(11)
(7)
(9)
(1)
(3)
(2)
(6)
(5)
(4)
2
1
4
&
Bin/Oct
1
Y
3
Y
5
Y
6
Y
0
Y
B
2
G
2
Y
4
Y
7
Y
0
G
7
1
0
3
2
5
4
7
6
B
A
C
G1
A
2
G
(14)
(15)
(12)
(13)
(10)
(11)
(7)
(9)
(1)
(3)
(2)
(6)
(5)
(4)
0
2
&
Dmux
1
Y
3
Y
5
Y
6
Y
0
Y
B
2
G
2
Y
7
Y
4
Y


Similar Part No. - TC74LCX138F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX138FK TOSHIBA-TC74LCX138FK Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
TC74LCX138FN TOSHIBA-TC74LCX138FN Datasheet
289Kb / 9P
   LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX138FN TOSHIBA-TC74LCX138FN Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
TC74LCX138FT TOSHIBA-TC74LCX138FT Datasheet
289Kb / 9P
   LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX138FT TOSHIBA-TC74LCX138FT Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX138F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ138FK TOSHIBA-TC7MZ138FK_07 Datasheet
192Kb / 8P
   Low Voltage 3-to-8 Line Decoder with 5 V Tolerant Inputs and Outputs
TC74LCX138F TOSHIBA-TC74LCX138F_07 Datasheet
285Kb / 11P
   Low-Voltage 3-to-8 Line Decoder with 5-V Tolerant Inputs and Outputs
TC74VCX138FT TOSHIBA-TC74VCX138FT_07 Datasheet
260Kb / 11P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK_07 Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC74LCX138F TOSHIBA-TC74LCX138F Datasheet
289Kb / 9P
   LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
   LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX138FT TOSHIBA-TC74VCX138FT Datasheet
373Kb / 8P
   LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
74LVX238 STMICROELECTRONICS-74LVX238 Datasheet
236Kb / 9P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com