Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LVX4052F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74LVX4052F
Description  8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4052F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74LVX4052F_08 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 9Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 10Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 11Page - Toshiba Semiconductor TC74LVX4052F_08 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TC74LVX4051,4052,4053F/FT/FK
2008-05-01
8
AC Test Circuit
CIOS
C
VCC
I/O
O/I
VEE
GND
(Common pin)
VCC
(Switch pin)
Figure 2 CIOS, CIS, COS
VIN
C
VCC
I/O
O/I
VEE GND
0.1
μF
VCC
Figure 3 Frequency Response (switch on)
Figure 4 Feedthrough
VIN
C
VCC
I/O
O/I
VEE GND
0.1
μF
VCC
Figure 1 tpLZ, tpHZ, tpZL, tpZH
3 ns
90%
10%
50%
3 ns
VCC
GND
VC
50%
VOH
VOL
50%
tpZH
90%
10%
tpHZ
tpLZ
tpZL
VOH
VOL
VO/I
(S1 = VCC, S2 = GND)
VO/I
(S1 = GND, S2 = VCC)
VCC
C
VCC
I/O
O/I
S2
S1
VEE GND
from
P.G
1 k
Ω


Similar Part No. - TC74LVX4052F_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4052FT TOSHIBA-TC74LVX4052FT Datasheet
167Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX4052FT TOSHIBA-TC74LVX4052FT Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
More results

Similar Description - TC74LVX4052F_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com