Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC00F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74VHC00F
Description  Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC00F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VHC00F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC00F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC00F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC00F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC00F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC00F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC00F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC00F_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74VHC00F/FT/FK
2012-02-29
3
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0 to
5.5
1.50
VCC ×
0.7
1.50
VCC ×
0.7
V
Low-level input
voltage
VIL
2.0
3.0 to
5.5
0.50
VCC ×
0.3
0.50
VCC ×
0.3
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN = VIH
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA


Similar Part No. - TC74VHC00F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC00FK TOSHIBA-TC74VHC00FK Datasheet
245Kb / 9P
   Quad 2-Input NAND Gate
TC74VHC00FN TOSHIBA-TC74VHC00FN Datasheet
204Kb / 5P
   QUAD 2-INPUT NAND GATE
TC74VHC00FN TOSHIBA-TC74VHC00FN Datasheet
245Kb / 9P
   Quad 2-Input NAND Gate
TC74VHC00FT TOSHIBA-TC74VHC00FT Datasheet
204Kb / 5P
   QUAD 2-INPUT NAND GATE
TC74VHC00FT TOSHIBA-TC74VHC00FT Datasheet
245Kb / 9P
   Quad 2-Input NAND Gate
More results

Similar Description - TC74VHC00F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com