Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC20F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC20F
Description  Dual 4-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC20F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC20F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC20F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC20F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC20F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC20F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC20F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC20F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC20F_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74VHC20F/FT/FK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC20F,TC74VHC20FT,TC74VHC20FK
Dual 4-Input NAND Gate
The TC74VHC20 is an advanced high speed CMOS 4-INPUT
NAND GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The internal circuit is composed of 3 stages including a buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 3.3 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74ALS20
TC74VHC20F
TC74VHC20FT
TC74VHC20FK
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)


Similar Part No. - TC74VHC20F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC20FK TOSHIBA-TC74VHC20FK Datasheet
219Kb / 9P
   Dual 4-Input NAND Gate
TC74VHC20FN TOSHIBA-TC74VHC20FN Datasheet
190Kb / 5P
   DUAL 4-INPUT NAND GATE
TC74VHC20FN TOSHIBA-TC74VHC20FN Datasheet
220Kb / 8P
   Dual 4-Input NAND Gate
TC74VHC20FN TOSHIBA-TC74VHC20FN Datasheet
219Kb / 9P
   Dual 4-Input NAND Gate
TC74VHC20FT TOSHIBA-TC74VHC20FT Datasheet
190Kb / 5P
   DUAL 4-INPUT NAND GATE
More results

Similar Description - TC74VHC20F_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com