Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC123AF Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74VHC123AF
Description  Dual Monostable Multivibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC123AF Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74VHC123AF_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC123AF_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC123AF_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC123AF_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC123AF_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC123AF_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC123AF_12 Datasheet HTML 11Page - Toshiba Semiconductor TC74VHC123AF_12 Datasheet HTML 12Page - Toshiba Semiconductor TC74VHC123AF_12 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TC74VHC123,221AF/AFT/AFK
2012-02-29
9
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
tw (L)
tw (H)
3.3 ± 0.3
5.0 ± 0.5
5.0
5.0
5.0
5.0
ns
Minimum clear width
( CLR )
tw (L)
3.3 ± 0.3
5.0 ± 0.5
5.0
5.0
5.0
5.0
ns
RX = 1 kΩ
CX = 100 pF
3.3 ± 0.3
5.0 ± 0.5
60
39
ns
Minimum retrigger time
(Note)
trr
RX = 1 kΩ
CX = 0.01 μF
3.3 ± 0.3
5.0 ± 0.5
1.5
1.2
μs
Note:
For TC74VHC123A only
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta = −40 to
85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
13.4
20.6
1.0
24.0
3.3 ± 0.3
50
15.9
24.1
1.0
27.5
15
8.1
12.0
1.0
14.0
Propagation delay
time
( A, B-Q, Q)
tpLH
tpHL
5.0 ± 0.5
50
9.6
14.0
1.0
16.0
ns
15
14.5
22.4
1.0
26.0
3.3 ± 0.3
50
17.0
25.9
1.0
29.5
15
8.7
12.9
1.0
15.0
Propagation delay
time
( CLR trigger-Q, Q )
tpLH
tpHL
5.0 ± 0.5
50
10.2
14.9
1.0
17.0
ns
15
10.3
15.8
1.0
18.5
3.3 ± 0.3
50
12.8
19.3
1.0
22.0
15
6.3
9.4
1.0
11.0
Propagation delay
time
( CLR -Q, Q )
tpLH
tpHL
5.0 ± 0.5
50
7.8
11.4
1.0
13.0
ns
3.3 ± 0.3
160
240
300
CX = 28 pF
RX = 2 kΩ
5.0 ± 0.5
50
133
200
240
ns
3.3 ± 0.3
90
100
110
90
110
CX = 0.01 μF
RX = 10 kΩ
5.0 ± 0.5
50
90
100
110
90
110
μs
3.3 ± 0.3
0.9
1.0
1.1
0.9
1.1
Output pulse width
twOUT
CX = 0.1 μF
RX = 10 kΩ
5.0 ± 0.5
50
0.9
1.0
1.1
0.9
1.1
ms
Output pulse width
error between circuits
(in same package)
ΔtwOUT
±1
%
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
73
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC’·Duty/100 + ICC/2 (per circuit)
(I CC’: active supply current)
(duty: %)


Similar Part No. - TC74VHC123AF_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC123AFK TOSHIBA-TC74VHC123AFK Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
TC74VHC123AFN TOSHIBA-TC74VHC123AFN Datasheet
486Kb / 12P
   DUAL MONOSTABLE MULTIVIBRATOR. RETRIGGERBLE/NON-RETRIGGERBLE
TC74VHC123AFN TOSHIBA-TC74VHC123AFN Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
TC74VHC123AFT TOSHIBA-TC74VHC123AFT Datasheet
486Kb / 12P
   DUAL MONOSTABLE MULTIVIBRATOR. RETRIGGERBLE/NON-RETRIGGERBLE
TC74VHC123AFT TOSHIBA-TC74VHC123AFT Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
More results

Similar Description - TC74VHC123AF_12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com