Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC238F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC238F
Description  3-to-8 Line Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC238F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC238F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC238F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC238F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC238F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC238F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC238F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC238F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC238F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC238F_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHC238F/FT/FK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC238F,TC74VHC238FT,TC74VHC238FK
3-to-8 Line Decoder
The TC74VHC238 is an advanced high speed CMOS 3-to-8
DECODER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
When the device is enabled, 3 Binary Select inputs (A, B and C)
determine which one of the outputs (Y0-Y7) will go High.
When enable input G1 is held low or either
A
2
G
or
2B
G
is
held high, decoding function is inhibited and all outputs go Low.
G1
A
2
G
, and
2B
G
inputs are provided to ease cascade
connection and for use as an address decoder for memory
systems.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 5.5 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74ALS238
Weight
SOP16-P-300-1.27A
: 0.18 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)
VSSOP16-P-0030-0.50
: 0.02 g (typ.)
TC74VHC238F
TC74VHC238FT
TC74VHC238FK


Similar Part No. - TC74VHC238F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC238FK TOSHIBA-TC74VHC238FK Datasheet
266Kb / 10P
   3-to-8 Line Decoder
TC74VHC238FN TOSHIBA-TC74VHC238FN Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC74VHC238FN TOSHIBA-TC74VHC238FN Datasheet
266Kb / 10P
   3-to-8 Line Decoder
TC74VHC238FN TOSHIBA-TC74VHC238FN Datasheet
311Kb / 6P
   3-TO-8 LINE DECODER
1997-01-30
TC74VHC238FS TOSHIBA-TC74VHC238FS Datasheet
311Kb / 6P
   3-TO-8 LINE DECODER
1997-01-30
More results

Similar Description - TC74VHC238F_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
   3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
   3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
   3-to-8 Line Decoder
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
   3-to-8 Line Decoder
1997 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com