Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC244FK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74VHC244FK
Description  Inverted, 3-State Outputs or Non-Inverted, 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC244FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VHC244FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC244FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC244FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC244FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC244FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC244FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC244FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC244FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC244FK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74VHC240,244F/FT/FK
2009-04-01
3
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±75
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Similar Part No. - TC74VHC244FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC244FK TOSHIBA-TC74VHC244FK Datasheet
234Kb / 10P
   Octal Bus Buffer
TC74VHC244FK TOSHIBA-TC74VHC244FK Datasheet
210Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC244FK TOSHIBA-TC74VHC244FK Datasheet
210Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC74VHC244FK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH367FK TOSHIBA-TC7MH367FK Datasheet
151Kb / 8P
   TC7MH367FK Non-Inverted, 3-State Outputs TC7MH368FK Inverted, 3-State Outputs
TC7W241FU TOSHIBA-TC7W241FU_01 Datasheet
208Kb / 5P
   NON-INVERTED, 3-STATE OUTPUTS
TC7W241FU TOSHIBA-TC7W241FU Datasheet
188Kb / 4P
   NON-INVERTED, 3-STATE OUTPUTS
TC7W240FU TOSHIBA-TC7W240FU Datasheet
189Kb / 4P
   INVERTED, 3-STATE OUTPUTS
TC7W240FU TOSHIBA-TC7W240FU_01 Datasheet
207Kb / 5P
   INVERTED, 3-STATE OUTPUTS
TC7MH540FK TOSHIBA-TC7MH540FK Datasheet
152Kb / 8P
   Inverted, 3-State Outputs
TC7MET240AFK TOSHIBA-TC7MET240AFK_07 Datasheet
189Kb / 7P
   Inverted, 3-State Outputs
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
   HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com