Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC4052AFK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC4052AFK
Description  8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC4052AFK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC4052AFK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC4052AFK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC4052AFK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC4052AFK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC4052AFK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC4052AFK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC4052AFK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC4052AFK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC4052AFK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC74VHC4051,4052,4053AF/FT/FK
2010-07-15
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC4051AF,TC74VHC4051AFT,TC74VHC4051AFK
TC74VHC4052AF,TC74VHC4052AFT,TC74VHC4052AFK
TC74VHC4053AF,TC74VHC4053AFT,TC74VHC4053AFK
TC74VHC4051AF/AFT/AFK
8-Channel Analog Multiplexer/Demultiplexer
TC74VHC4052AF/AFT/AFK
Dual 4-Channel Analog Multiplexer/Demultiplexer
TC74V4053AF/AFT/AFK
Triple 2-Channel Analog Multiplexer/Demultiplexer
The TC74VHC4051A/4052A/4053A are high-speed, low-voltage
drive analog multiplexer/demultiplexers using silicon gate CMOS
technology. In 3 V and 5 V systems these can achieve high-speed
operation with the low power dissipation that is a feature of
CMOS.
The TC74VHC4051A/4052A/4053A offer analog/digital signal
selection as well as mixed signals. The 4051A has an 8-channel
configuration, the 4052A has an 4-channel × 2 configuration, and
the 4053A has a 2-channel × 3 configuration.
The switches for each channel are turned ON by the control pin
digital signals.
All control inputs are equipped with a newly developed input
protection circuit that avoids the need for a diode on the plus side
(forward side from the input to the VCC). As a result, for example,
5.5 V signals can be permitted on the inputs even when the
power supply voltage to the circuits is off. As a result of this input
power protection, the TC74VHC4051A/4052A/4053A can be used
in a variety of applications, including in the system which has
two power supplies, and in battery backup circuits.
Features
• Low ON-resistance: Ron = 45 Ω (typ.) (VCC = 3 V)
Ron = 24 Ω (typ.) (VCC = 4.5 V)
• Low power dissipation: ICC = 2.0 μA (max) (Ta = 25°C)
• Input level: VIL = 0.8 V (max) (VCC = 3 V)
VIH = 2.0 V (min) (VCC = 3 V)
• Power down protection is provided on all control inputs
TC74VHC4051AF, TC74VHC4052AF,
TC74VHC4053AF
TC74VHC4051AFT, TC74VHC4052AFT,
TC74VHC4053AFT
TC74VHC4051AFK, TC74VHC4052AFK,
TC74VHC4053AFK
SOP16-P-300-1.27A
: 0.18 g ( typ.)
TSSOP16-P-0044-0.65A
: 0.06 g ( typ.)
VSSOP16-P-0030-0.50
: 0.02 g ( typ.)


Similar Part No. - TC74VHC4052AFK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC4052AFK TOSHIBA-TC74VHC4052AFK Datasheet
282Kb / 13P
   Analog Multiplexer/Demultiplexer
More results

Similar Description - TC74VHC4052AFK_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com