Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHCT04AFT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHCT04AFT
Description  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT04AFT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHCT04AFT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74VHCT04AF/AFT/AFK
2012-02-29
4
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
4.7
6.7
1.0
7.5
Propagation delay
time
tpLH
tpHL
5.0 ± 0.5
50
5.5
7.7
1.0
8.5
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
11
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/6 (per gate)
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.8
1.0
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.8
−1.0
V
Minimum high level dynamic input voltage
VIHD
CL = 50 pF
5.0
2.0
V
Maximum low level dynamic input voltage
VILD
CL = 50 pF
5.0
0.8
V


Similar Part No. - TC74VHCT04AFT_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT04AFT TOSHIBA-TC74VHCT04AFT Datasheet
235Kb / 6P
   HEX INVERTER
TC74VHCT04AFT TOSHIBA-TC74VHCT04AFT Datasheet
251Kb / 9P
   Hex Inverter
More results

Similar Description - TC74VHCT04AFT_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com