Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHCV244FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHCV244FK
Description  Octal Schmitt Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV244FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHCV244FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV244FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV244FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV244FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV244FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV244FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV244FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV244FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCV244FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74VHCV240,244FT/FK
2010-07-09
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
6.4
11.6
1.0
14.0
2.5
± 0.2
50
9.2
14.4
1.0
17.0
15
5.0
7.5
1.0
9.0
3.3
± 0.3
50
7.0
11.0
1.0
12.5
15
3.9
5.5
1.0
6.5
Propagation delay
time
(TC74VHCV240)
tpLH
tpHL
5.0
± 0.5
50
5.4
7.5
1.0
8.5
ns
15
6.7
12.5
1.0
15.0
2.5
± 0.2
50
9.5
15.3
1.0
18.0
15
5.0
8.4
1.0
10.0
3.3
± 0.3
50
7.2
11.9
1.0
13.5
15
3.8
5.5
1.0
6.5
Propagation delay
time
(TC74VHCV244)
tpLH
tpHL
5.0
± 0.5
50
5.4
7.5
1.0
8.5
ns
15
7.8
14.6
1.0
17.0
2.5
± 0.2
50
11.1
17.8
1.0
21.0
15
5.7
10.6
1.0
12.5
3.3
± 0.3
50
8.4
14.1
1.0
16.0
15
4.1
7.3
1.0
8.5
3-state output enable
time
tpZL
tpZH
RL = 1 kΩ
5.0
± 0.5
50
6.2
9.3
1.0
10.5
ns
2.5
± 0.2
50
14.3
19.2
1.0
21.0
3.3
± 0.3
50
10.9
14.0
1.0
16.0
3-state output disable
time
tpLZ
tpHZ
RL = 1 kΩ
5.0
± 0.5
50
8.7
9.2
1.0
10.5
ns
2.5
± 0.2
50
2.0
2.0
3.3
± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
6
pF
TC74VHCV240
20
Power dissipation
capacitance (Note 2)
CPD
TC74VHCV244
21
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC / 8 (per bit)


Similar Part No. - TC74VHCV244FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCV245FK TOSHIBA-TC74VHCV245FK Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
TC74VHCV245FT TOSHIBA-TC74VHCV245FT Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
More results

Similar Description - TC74VHCV244FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCV540FK TOSHIBA-TC74VHCV540FK Datasheet
201Kb / 9P
   Octal Schmitt Bus Buffer
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
TC74HC7240AP TOSHIBA-TC74HC7240AP_07 Datasheet
260Kb / 7P
   Octal Bus Buffer (with schmitt trigger inputs)
TC74VHCV245FT TOSHIBA-TC74VHCV245FT Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com