Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHCV541FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHCV541FT
Description  Octal Schmitt Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV541FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHCV541FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV541FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV541FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV541FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV541FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV541FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV541FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV541FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCV541FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHCV540,541FT/FK
2010-07-09
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Positive threshold voltage
VP
1.8
2.3
3.0
4.5
5.5
1.65
1.85
2.20
3.15
3.85
1.65
1.85
2.20
3.15
3.85
Negative threshold voltage
VN
1.8
2.3
3.0
4.5
5.5
0.15
0.45
0.90
1.35
1.65
0.15
0.45
0.90
1.35
1.65
V
Hysteresis voltage
VH
1.8
2.3
3.0
4.5
5.5
0.15
0.20
0.30
0.40
0.50
1.05
1.10
1.20
1.40
1.60
0.15
0.20
0.30
0.40
0.50
1.05
1.10
1.20
1.40
1.60
V
IOH = −50 μA
1.8
3.0
4.5
1.7
2.9
4.4
1.8
3.0
4.5
1.7
2.9
4.4
High-level output voltage
VOH
VIN
= VIH or
VIL
IOH = −8 mA
IOH = −16 mA
3.0
4.5
2.58
3.94
2.48
3.80
IOL = 50 μA
1.8
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output voltage
VOL
VIN
= VIH or
VIL
IOL = 8 mA
IOL = 16 mA
3.0
4.5
0.36
0.44
0.44
0.55
V
3-state output off-state
current
IOZ
VIN = VIH or VIL
VOUT = 0 to 5.5V
1.8 to
5.5
±0.5
±5.0
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
0.5
5.0
μA
Input leakage current
IIN
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA


Similar Part No. - TC74VHCV541FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCV573FK TOSHIBA-TC74VHCV573FK Datasheet
201Kb / 10P
   Octal Schmitt D-Type Latch with 3-State Output
TC74VHCV573FT TOSHIBA-TC74VHCV573FT Datasheet
201Kb / 10P
   Octal Schmitt D-Type Latch with 3-State Output
TC74VHCV574FK TOSHIBA-TC74VHCV574FK Datasheet
202Kb / 10P
   Octal Schmitt D-Type Flip Flop with 3-State Output
TC74VHCV574FT TOSHIBA-TC74VHCV574FT Datasheet
202Kb / 10P
   Octal Schmitt D-Type Flip Flop with 3-State Output
More results

Similar Description - TC74VHCV541FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCV240FK TOSHIBA-TC74VHCV240FK Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
TC74HC7240AP TOSHIBA-TC74HC7240AP_07 Datasheet
260Kb / 7P
   Octal Bus Buffer (with schmitt trigger inputs)
TC74VHCV245FT TOSHIBA-TC74VHCV245FT Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com