Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCUA231WBG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCUA231WBG
Description  USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCUA231WBG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCUA231WBG Datasheet HTML 1Page - Toshiba Semiconductor TCUA231WBG Datasheet HTML 2Page - Toshiba Semiconductor TCUA231WBG Datasheet HTML 3Page - Toshiba Semiconductor TCUA231WBG Datasheet HTML 4Page - Toshiba Semiconductor TCUA231WBG Datasheet HTML 5Page - Toshiba Semiconductor TCUA231WBG Datasheet HTML 6Page - Toshiba Semiconductor TCUA231WBG Datasheet HTML 7Page - Toshiba Semiconductor TCUA231WBG Datasheet HTML 8Page - Toshiba Semiconductor TCUA231WBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TCUA231WBG
4
9.
9.
9.
9. Operating Ranges (Note)
Operating Ranges (Note)
Operating Ranges (Note)
Operating Ranges (Note)
Characteristics
Supply voltage
Input voltage
Switch I/O voltage
Switch I/O voltage
Operating temperature
Input rise time
Input fall time
Symbol
VCC
VIN
VS
VS
Topr
dt/dv
Pin Name
Head, Man
VBUS
D+, D-
R, L
TX, RX
COM+, COM-
D+, D-
R, L
TX, RX
COM+, COM-
Note
Test Condition
Switch ON
Switch OFF or
VCC = 0 V
Rating
2.3 to 3.6
0 to 3.6
0 to 5.5
0 to VCC
-1.5 to VCC
0 to VCC
-1.5 to VCC
0 to 3.6
0 to 3.6
0 to 3.6
-1.5 to 3.6
-40 to 85
0 to 10
0 to 10
Unit
V
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs and bus inputs must be tied to either VCC or GND.
2011-06-27
Rev.1.0


Similar Part No. - TCUA231WBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCUA221WBG TOSHIBA-TCUA221WBG Datasheet
259Kb / 11P
   USB2.0 High-Speed and Audio Switch with Negative Signal Capability (With Pop Sound Eliminator at Audio Switch)
TCUA2221WBG TOSHIBA-TCUA2221WBG Datasheet
259Kb / 11P
   USB2.0 High-Speed and Audio Switch with Negative Signal Capability (With Pop Sound Eliminator at Audio Switch)
More results

Similar Description - TCUA231WBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
logo
Fairchild Semiconductor
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com