Electronic Components Datasheet Search |
|
CKD71BJB1A474S(160B) Datasheet(PDF) 6 Page - TDK Electronics |
|
CKD71BJB1A474S(160B) Datasheet(HTML) 6 Page - TDK Electronics |
6 / 6 page (5/5) 005-02 / 20111007 / e4161_ckd.fm • All specifications are subject to change without notice. Please read the precautions before using this catalog. • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. • For more information about the products of other capacitance or data, please contact us. TYPICAL ELECTRICAL CHARACTERISTICS ATTENUATION vs. FREQUENCY CHARACTERISTICS COMPARISON WITH EXISTING PRODUCTS Excellent noise bypass effect is displayed in higher frequency range compared with ordinary chip capacitors. CKD110JB TYPE CKD310JB TYPE MEASURING CIRCUIT EXAMPLES OF NOISE COUNTERMEASURE 15 2 10 20 50 1000 2000 500 200 100 Frequency(MHz) 90 10 0 10 20 30 40 50 60 70 80 Existing product (multilayer ceramic chip capacitor) CKD110JB1E222S 15 2 10 20 50 1000 2000 500 200 100 Frequency(MHz) 90 10 0 10 20 30 40 50 60 70 80 22pF 100pF 47pF 470pF 2200pF 220pF 1000pF 22nF 1 0.1 10 1000 100 Frequency(MHz) –90 –100 0 –10 –20 –30 –40 –50 –60 –70 –80 22 µF Purpose 1. Noise countermeasure on IC power supply lines: Eliminates noise occurring on supply lines to assure a stable voltage supply for proper IC operation. 2. Radiation noise countermeasure on signals lines: Attenuates superfluous high-frequency content of signals to prevent noise radiation. Type CKD310JB, CKD610JB (High capacity type product) CKD110JB, CKD510JB 50 Ω DC filter AC filter Switching power supply IC I/O IC IC 1 2 1 1 |
Similar Part No. - CKD71BJB1A474S(160B) |
|
Similar Description - CKD71BJB1A474S(160B) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |