Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK14A55D Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TK14A55D
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK14A55D Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TK14A55D Datasheet HTML 1Page - Toshiba Semiconductor TK14A55D Datasheet HTML 2Page - Toshiba Semiconductor TK14A55D Datasheet HTML 3Page - Toshiba Semiconductor TK14A55D Datasheet HTML 4Page - Toshiba Semiconductor TK14A55D Datasheet HTML 5Page - Toshiba Semiconductor TK14A55D Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TK14A55D
2010-08-27
3
5.5
VGS = 5V
6.5
10
6
6.75
8
VGS = 10 V, 15 V
Tc
= −55°C
100
25
ID = 14 A
7
3.5
0.1
0.1
10
100
1
10
1
0.1
10
100
0.1
100
10
1
1
0
6
8
10
0
4
8
12
16
20
4
2
0
0
2
4
6
8
16
40
24
32
8
25
100
Tc
= −55°C
10
32
24
16
8
0
40
0
20
50
40
30
10
6.5
7
7.5
8
6
10
VGS = 5 V
5.5
20
8
0
16
4
12
0
2
4
8
10
6
RDS (ON) – ID
VDS – VGS
ID – VDS
⎪Yfs⎪ – ID
ID – VDS
DRAIN-SOURCE VOLTAGE VDS
(V)
DRAIN-SOURCE VOLTAGE VDS
(V)
GATE-SOURCE VOLTAGE VGS
(V)
GATE-SOURCE VOLTAGE VGS
(V)
DRAIN CURRENT ID (A)
DRAIN CURRENT ID (A)
ID – VGS
COMMON SOURCE
Tc
= 25°C
PULSE TEST
COMMON SOURCE
Tc
= 25°C
PULSE TEST
COMMON SOURCE
VDS = 20 V
PULSE TEST
COMMON SOURCE
Tc
= 25°C
PULSE TEST
COMMON SOURCE
VDS = 20 V
PULSE TEST
COMMON SOURCE
Tc
= 25°C
PULSE TEST


Similar Part No. - TK14A55D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TK14A55D ISC-TK14A55D Datasheet
342Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK14A55D TOSHIBA-TK14A55D Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK14A55D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com