Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y-CONC-R426P-MD4A-2000-A Datasheet(PDF) 8 Page - Yamaichi Electronics Co., Ltd.

Part # Y-CONC-R426P-MD4A-2000-A
Description  IP67/68/69K Protected Components
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

Y-CONC-R426P-MD4A-2000-A Datasheet(HTML) 8 Page - Yamaichi Electronics Co., Ltd.

Back Button Y-CONC-R426P-MD4A-2000-A Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. Y-CONC-R426P-MD4A-2000-A Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. Y-CONC-R426P-MD4A-2000-A Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. Y-CONC-R426P-MD4A-2000-A Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. Y-CONC-R426P-MD4A-2000-A Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd. Y-CONC-R426P-MD4A-2000-A Datasheet HTML 9Page - Yamaichi Electronics Co., Ltd. Y-CONC-R426P-MD4A-2000-A Datasheet HTML 10Page - Yamaichi Electronics Co., Ltd. Y-CONC-R426P-MD4A-2000-A Datasheet HTML 11Page - Yamaichi Electronics Co., Ltd. Y-CONC-R426P-MD4A-2000-A Datasheet HTML 12Page - Yamaichi Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Outline Dimensions
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
7
Description:
Full metal mounting flange, with integrated seal
(also in the screw area) to ensure IP6* protection
when mounted with Y-ConCover-10-* and
Y-ConCover-40-*. Also available with assembled
IP6* protection cap
Vollmetal Gehäuseflansch mit integrierter Dichtung
(auch im Schraubbereich). Damit sind für Y-ConCover-10-* und
Y-ConCover-40-* im montierten Zustand die Schutzarten IP6*
gewährleistet.A uch mit assemblierter IP6*Schutzkappe verfügbar
Material:
Flange Body
Die-cast zinc
Flanschgehäuse
Flange Seal
HNBR
Flanschdichtung
Protection Cap
Die-cast Zinc
Schutzkappe
Seal
HNBR
Dichtung
Wire Rope
Steel / Aluminium
Draht
(length = 180mm)
Specifications:
Operating Temp.: -40°C ~ +120°C
Betriebstemp.
IP67/68/69K Protected Components
Part Number
Protection Cap
Y-ConFlange-40
No
Y-ConFlange-40-C
Yes
Series
Design Number
No Mark = Std. C = With Cap
Y-ConFlange - 40 - *
Part Number (Details)
Y-ConAS-25
Accessories
Material: Steel
Colour
Black
Farbe
Panel Cut Dim.
(incl. in Rittal Library)
Description:
Manual punch to stamp
out the Y-ConFlange-**
panel cut with matrix for
4 screw holes.
For V2A plate metal up to
2.0mm (Rockwell 56-58)
Part No.: Y-ConFlange-Punch-1
Accessories
Manueller Blechlocher für das
Ausstanzen des Ausschnittes
für Y-ConFlange-** mit Raster
für 4 Schraubenbohrungen.
Für V2A Metallblech bis
2,0 mm (Rockwell 56-58)
Description:
Flange-head screws M3 Thread
Material: Steel
Schrauben (M3-Gewinde)
Y-ConFlange-40
Protection cap (already assembled by wire rope)


Similar Part No. - Y-CONC-R426P-MD4A-2000-A

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
Y-CONC-R426P-MD4A-2000-A YAMAHA-Y-CONC-R426P-MD4A-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

Similar Description - Y-CONC-R426P-MD4A-2000-A

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
Y-CONCOVER-10-X-X YAMAHA-Y-CONCOVER-10-X-X Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
logo
Yamaichi Electronics Co...
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
   IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
List of Unclassifed Man...
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
PHOENIX CONTACT
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
   Monitor - FPM 23.8 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
   Monitor - FPM 23.8 69K SP
Dec 2, 2022
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
   Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com