Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT21S230SR3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # AFT21S230SR3
Description  RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AFT21S230SR3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  AFT21S230SR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc AFT21S230SR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc AFT21S230SR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc AFT21S230SR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc AFT21S230SR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc AFT21S230SR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc AFT21S230SR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc AFT21S230SR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc AFT21S230SR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AFT21S230SR3 AFT21S232SR3
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
These 50 watt RF power LDMOS transistors are designed for cellular base
station applications covering the frequency range of 2110 to 2170 MHz.
• Typical Single--Carrier W--CDMA Performance: VDD =28 Volts,
IDQ = 1500 mA, Pout = 50 Watts Avg., Input Signal PAR = 9.9 dB @ 0.01%
Probability on CCDF.
Frequency
Gps
(dB)
ηD
(%)
Output PAR
(dB)
ACPR
(dBc)
IRL
(dB)
2110 MHz
16.7
30.5
7.2
--35.7
--19
2140 MHz
17.0
31.0
7.1
--35.4
--20
2170 MHz
17.2
31.8
7.0
--34.8
--15
Features
• Greater Negative Gate--Source Voltage Range for Improved Class C Operation
• Designed for Digital Predistortion Error Correction Systems
• Optimized for Doherty Applications
• NI--780S--6: R3 Suffix = 250 Units, 32 mm Tape Width, 13 inch Reel.
• NI--780S--2: R3 Suffix = 250 Units, 56 mm Tape Width, 13 inch Reel.
For R5 Tape and Reel options, see p. 18.
Figure 1. Pin Connections
(Top View)
RFin/VGS 21 RFout/VDS
Figure 2. Pin Connections
(Top View)
RFin/VGS
VBW
N.C.
VBW
16
34
25
N.C.
RFout/VDS
NI--780S--6
AFT21S230S
NI--780S--2
AFT21S232S
Document Number: AFT21S230S_232S
Rev. 0, 10/2012
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2012. All rights reserved.
2110--2170 MHz, 50 W AVG., 28 V
AFT21S230SR3
AFT21S232SR3
© Freescale Semiconductor, Inc., 2012. All rights reserved.
© Freescale Semiconductor, Inc., 2012. All rights reserved.


Similar Part No. - AFT21S230SR3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFT21S230SR3 NXP-AFT21S230SR3 Datasheet
543Kb / 17P
   RF Power LDMOS Transistors
Rev. 3, 3/2014
More results

Similar Description - AFT21S230SR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP3091N FREESCALE-MRF6VP3091N Datasheet
1Mb / 20P
   RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
MRFE6VP8600H FREESCALE-MRFE6VP8600H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
   RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com