Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5601BKSZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5601BKSZ-REEL7
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5601BKSZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD5601BKSZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5601BKSZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5601BKSZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5601BKSZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5601BKSZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5601BKSZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5601BKSZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5601BKSZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5601BKSZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD5601/AD5611/AD5621
Rev. F | Page 3 of 24
SPECIFICATIONS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted. Temperature range
for A/B grades is −40°C to +125°C, typical at 25°C.
Table 2.
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
AD5601
Resolution
8
Bits
Relative Accuracy1 (INL)
±0.5
LSB
Differential Nonlinearity (DNL)
±0.5
LSB
Guaranteed monotonic by design
AD5611
Resolution
10
Bits
Relative Accuracy1 (INL)
±4
±0.5
LSB
Differential Nonlinearity (DNL)
±0.5
±0.5
LSB
Guaranteed monotonic by design
AD5621
Resolution
12
Bits
Relative Accuracy1 (INL)
±6
±1
LSB
Differential Nonlinearity (DNL)
±0.5
±0.5
LSB
Guaranteed monotonic by design
Zero-Code Error
0.5
10
0.5
10
mV
All 0s loaded to DAC register
Full-Scale Error
±0.5
±0.5
mV
All 1s loaded to DAC register
Offset Error
±0.063
±10
±0.063
±10
mV
Gain Error
±0.0004
±0.037
±0.0004
±0.037
%FSR
Zero-Code Error Drift
5.0
5.0
µV/°C
Gain Temperature Coefficient
2.0
2.0
ppm
FSR/°C
OUTPUT CHARACTERISTICS2
Output Voltage Range
0
VDD
0
VDD
V
Output Voltage Settling Time
6
10
6
10
µs
Code ¼ scale to ¾ scale
Slew Rate
0.5
0.5
V/µs
Capacitive Load Stability
470
470
pF
RL = ∞
1000
1000
pF
RL = 2 kΩ
Output Noise Spectral Density
120
120
nV/√Hz
DAC code = midscale,1 kHz
Noise
2
2
µV
DAC code = midscale,
0.1 Hz to 10 kHz bandwidth
Digital-to-Analog Glitch Impulse
5
5
nV-s
1 LSB change around major carry
Digital Feedthrough
0.2
0.2
nV-s
Short-Circuit Current
15
15
mA
VDD = 3 V/5 V
DC Output Impedance
0.5
0.5
Ω
LOGIC INPUTS
Input Current3
±2
±2
µA
Input High Voltage, VINH
1.8
1.8
V
VDD = 4.7 V to 5.5 V
1.4
1.4
V
VDD = 2.7 V to 3.6 V
Input Low Voltage, VINL
0.8
0.8
V
VDD = 4.7 V to 5.5 V
0.6
0.6
V
VDD = 2.7 V to 3.6 V
Pin Input Capacitance
3
3
pF


Similar Part No. - AD5601BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5601BKSZ-REEL7 AD-AD5601BKSZ-REEL7 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601BKSZ-REEL7 AD-AD5601BKSZ-REEL7 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

Similar Description - AD5601BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5602 AD-AD5602 Datasheet
563Kb / 24P
   2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
REV. B
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com