Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP0800SA Datasheet(PDF) 8 Page - Protek Devices

Part # PP0800SA
Description  THYRISTOR SURGE SUPPRESSOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PP0800SA Datasheet(HTML) 8 Page - Protek Devices

  PP0800SA Datasheet HTML 1Page - Protek Devices PP0800SA Datasheet HTML 2Page - Protek Devices PP0800SA Datasheet HTML 3Page - Protek Devices PP0800SA Datasheet HTML 4Page - Protek Devices PP0800SA Datasheet HTML 5Page - Protek Devices PP0800SA Datasheet HTML 6Page - Protek Devices PP0800SA Datasheet HTML 7Page - Protek Devices PP0800SA Datasheet HTML 8Page - Protek Devices PP0800SA Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05081.R12 10/12
Page 8
PP0640SA - PP3500SC
TAPe AnD Reel
oRDeRing inFoRmATion
bASe PART numbeR
leADFRee SuFFiX
TAPe SuFFiX
QTy/Reel
Reel Size
Tube QTy
PPxxxxSA/SB/SC
-LF
-T
3,000
13”
n/a
This device is only available in a Lead-Free configuration.
User Direction of Feed
t
K0
A0
P
D
P0
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2
SPeCiFiCATionS
Reel DiA.
TAPe
WiDTh
A0
b0
k0
D
e
F
W
P0
P
tmax
330mm (13”)
12mm
3.79 ± 0.15 5.72 ± 0.15 2.46 ± 0.30 1.55 ± 0.05 1.75 ± 0.10 5.5 ± 0.05 12.00 ± 0.30 4.00 ± 0.10 8.00 ± 0.10 0.25 ± 0.10
noTeS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T = 13” Reel - 3,000 pieces per 12mm tape.
4. Marking on Part - marking code (see page 2) and logo.
Package outline, pad layout and tape specifications per document number 06013.R5 2/11


Similar Part No. - PP0800SA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0800SA PROTEC-PP0800SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0800SA PROTEC-PP0800SA Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0800SA PROTEC-PP0800SA Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0800SA-LF-T PROTEC-PP0800SA-LF-T Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0800SA-T PROTEC-PP0800SA-T Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
More results

Similar Description - PP0800SA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
List of Unclassifed Man...
PP1101SB ETC1-PP1101SB Datasheet
353Kb / 4P
   UNIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2302 LEIDITECH-SE2302 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
P4000SC SUNMATE-P4000SC Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com