Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP2600SB Datasheet(PDF) 1 Page - Protek Devices

Part # PP2600SB
Description  THYRISTOR SURGE SUPPRESSOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PP2600SB Datasheet(HTML) 1 Page - Protek Devices

  PP2600SB Datasheet HTML 1Page - Protek Devices PP2600SB Datasheet HTML 2Page - Protek Devices PP2600SB Datasheet HTML 3Page - Protek Devices PP2600SB Datasheet HTML 4Page - Protek Devices PP2600SB Datasheet HTML 5Page - Protek Devices PP2600SB Datasheet HTML 6Page - Protek Devices PP2600SB Datasheet HTML 7Page - Protek Devices PP2600SB Datasheet HTML 8Page - Protek Devices PP2600SB Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05081.R12 10/12
Page 1
PP0640SA - PP3500SC
ThyRiSToR SuRge SuPPReSSoR
DeSCRiPTion
The PP-SM Series are thyristor surge suppression (TSS) devices designed to protect telecommunication equipment
against lightning and transients induced by AC power lines. These devices can be used on central office equipment,
PBX, DSU, OCU and other telecommunication equiment/systems. The bidirectional configuration provides protection
for both positive and negative transients and the discrete surface mount package allows for individual placement of
the device on line cards or other locations where multiple component devices do not offer the versatile in board trace
layout.
This series can be used to provide protection in accordance with industry standards such as FCC Part 68, ANSI C62.41,
UL 1459, GR-1089-CORE, IEC 61000-2, IEC 61000-4 and IEC 61000-4-5 requirements.
FeATuReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 95A, 8/20µs - L4(Line-
Ground), 48A - L4(Line-Line) & 83A - L2(Power)
• FCC Part 68, UL 1459, Bellcore 1089 & ITU-K.20/K.21 Compliant
• UL File Recognition #E208219
• Peak Off-State Voltage from 25 to 300 Volts
• Surge Current Capability (See Table 1)
• ESD Protection > 25 kilovolts
• Low Capacitance for T1/E1 Trunk & Line Card Applications
• Bidirectional Configuration
• RoHS Compliant
• REACH Compliant
meChAniCAl ChARACTeRiSTiCS
• Molded Plastic DO-214AA Package
• Approximate Weight: 2.5 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 12mm Tape and Reel per EIA Standard 481
APPliCATionS
• T1/E1 Trunk & Line Cards
• SLIC Line Card
• DBX Branch Exchange Switches
• FCC Part 68 Customer Premise Equipment
• Line Interface Modem
• xDSL Architecture Interface
Do-214AA PACkAge
TAble 1 - SuRge RATingS
SeRieS
i
PP
2/10µs
AmPS
i
PP
8/20µs
AmPS
i
PP
10/160µs
AmPS
i
PP
10/560µs
AmPS
i
PP
10/1000µs
AmPS
i
TSm
60hz
AmPS
di/dt
A/µs
(note 1)
dv/dt
V/µs
(note 1)
SA
150
150
100
50
50
20
500
2000
SB
300
300
150
100
80
32
500
2000
SC
500
400
200
200
100
60
500
2000
noTeS
1. Critical rate of rise for On-State Current (di/dt) and Off-State Voltage (dv/dt).
DEVICE SYMBOL
BIDIRECTIONAL


Similar Part No. - PP2600SB

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP2600SB PROTEC-PP2600SB Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP2600SB PROTEC-PP2600SB Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP2600SB PROTEC-PP2600SB Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP2600SB-LF-T PROTEC-PP2600SB-LF-T Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP2600SB-T PROTEC-PP2600SB-T Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
More results

Similar Description - PP2600SB

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
List of Unclassifed Man...
PP1101SB ETC1-PP1101SB Datasheet
353Kb / 4P
   UNIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2302 LEIDITECH-SE2302 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
P4000SC SUNMATE-P4000SC Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com