Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6654 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6654
Description  SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6654 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6654_12 Datasheet HTML 2Page - Linear Technology LT6654_12 Datasheet HTML 3Page - Linear Technology LT6654_12 Datasheet HTML 4Page - Linear Technology LT6654_12 Datasheet HTML 5Page - Linear Technology LT6654_12 Datasheet HTML 6Page - Linear Technology LT6654_12 Datasheet HTML 7Page - Linear Technology LT6654_12 Datasheet HTML 8Page - Linear Technology LT6654_12 Datasheet HTML 9Page - Linear Technology LT6654_12 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LT6654
6
6654fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: If the parts are stored outside of the specified temperature range,
the output may shift due to hysteresis.
Note 3: Temperature coefficient is measured by dividing the maximum
change in output voltage by the specified temperature range.
Note 4: Load regulation is measured on a pulse basis from no load to the
specified load current. Output changes due to die temperature change
must be taken into account separately.
Note 5: Excludes load regulation errors.
Note 6: Peak-to-peak noise is measured with a 1-pole highpass filter at
0.1Hz and 2-pole lowpass filter at 10Hz. The unit is enclosed in a still-air
environment to eliminate thermocouple effects on the leads. The test
time is 10 seconds. RMS noise is measured on a spectrum analyzer in
a shielded environment where the intrinsic noise of the instrument is
removed to determine the actual noise of the device.
Note 7: Long-term stability typically has a logarithmic characteristic
and therefore, changes after 1000 hours tend to be much smaller than
before that time. Total drift in the second thousand hours is normally less
than one third that of the first thousand hours with a continuing trend
toward reduced drift with time. Long-term stability will also be affected by
differential stresses between the IC and the board material created during
board assembly.
Note 8: Hysteresis in output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or
lower temperature. Output voltage is always measured at 25°C, but
the IC is cycled to the hot or cold temperature limit before successive
measurements. Hysteresis measures the maximum output change for the
averages of three hot or cold temperature cycles. For instruments that
are stored at well controlled temperatures (within 20 or 30 degrees of
operational temperature), it is usually not a dominant error source. Typical
hysteresis is the worst-case of 25°C to cold to 25°C or 25°C to hot to
25°C, preconditioned by one thermal cycle.
Note 9: The stated temperature is typical for soldering of the leads during
manual rework. For detailed IR reflow recommendations, refer to the
Applications Information section.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Long-Term Drift of Output Voltage (Note 7)
LT6654S6
LT6654LS8
60
15
ppm/√kHr
ppm/√kHr
Hysteresis (Note 8)
S6
ΔT = 0°C to 70°C
ΔT = –40°C to 85°C
ΔT = –40°C to 125°C
ΔT = –55°C to 125°C
LS8
ΔT = 0°C to 70°C
ΔT = –40°C to 85°C
ΔT = –40°C to 125°C
ΔT = –55°C to 125°C
15
30
40
50
3
11
15
20
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, CL = 1μF and VIN = VOUT + 0.5V, unless otherwise noted.
For LT6654-1.25, VIN = 2.4V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT6654_12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6654 LINER-LT6654_15 Datasheet
953Kb / 22P
   Precision Wide Supply High Output Drive Low Noise Reference
More results

Similar Description - LT6654_12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6654 LINER-LT6654 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6654 LINER-LT6654_15 Datasheet
953Kb / 22P
   Precision Wide Supply High Output Drive Low Noise Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
logo
Texas Instruments
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com