Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8305A Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8305A
Description  BALLAST CONTROL IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8305A Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8305A Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8305A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BL8305A
BL8305A
BL8305A
BL8305A BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
BALLAST CONTROL IC
http://www.belling.com.cn
- 1 -
8/28/2006
Total 8 Pages
The ballast control IC BL8305A is an improved version of the BL8301. The BL8305A
provides more functionality and is easier to use than previous IC BL8301. The BL8305A
optimizes the compatibility of driving MOSFET half-bridge (MHF
MHF
MHF
MHF) or Bipolar
half-bridge
(BHF
BHF
BHF
BHF).
Especially
for
Bipolar
half-bridge,
the
BL8305A
can
automatically adjust the base current intensity (BCI Auto
BCI Auto
BCI Auto
BCI Auto-
--
-Adj
Adj
Adj
Adj), and
guarantee that the half-bridge is in the optimum condition and reduces
the power loss of half-bridge. It also improves the load adaptive of
bipolar half-bridge. The BL8305A changes the timing component
connection structure according to BL8301, so it is easier to design
simply dimming products. The BL8305A has fully protections and all
pins have Latch immunity and ESD protection, available in both PDIP14
and SOP14 packages.
FEATURES
FEATURES
FEATURES
FEATURES
Driving both MHF and BHF
Automatically adjusting the BCI of BHF
Programmable preheat frequency, preheat time and run frequency
Comprehensive protection
Micro power startup less than 150uA
Latch immunity and ESD protection
B
BB
BRIEF INTRODUCTION
RIEF INTRODUCTION
RIEF INTRODUCTION
RIEF INTRODUCTION
1. The BL8305A automatically provides a dead time 3us for BHF and 1.2us
for MHF.
2. The BL8305A features include on power preheat and ignition. Preheat
frequency, preheat time and run mode frequency are all programmable by
external components.
3. Comprehensive protections such as protection from over current of
Half-bridge, filament failures, ignition failure, end of life,
detecting base current of half-bridge and so on.
4. The BL8305A have an internal power regulator at 6.35V and micro power
startup less than 150uA.
5. The BL8305A is a low cost design for ballast with few external
components.


Similar Part No. - BL8305A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8303 BELLING-BL8303 Datasheet
164Kb / 4P
   BL8303 is a special control IC for Electronic Starter.
More results

Similar Description - BL8305A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com