Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL24C32 Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL24C32
Description  The device is optimized for use in many industrial and commercial applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL24C32 Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL24C32 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL24C32 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL24C32 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL24C32 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL24C32 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL24C32 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL24C32 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL24C32 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL24C32 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Shanghai Belling Corp., Ltd
BL24C32/64
6
PAGE WRITE: The 32K/64K devices are capable of 32-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition
after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data
word, the microcontroller can transmit up to 31 more data words. The EEPROM will respond with a “0”
after each data word received. The microcontroller must terminate the page write sequence with a stop
condition (see Figure 6).
The data word address lower five (32K/64K) bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page row
location. When the word address, internally generated, reaches the page boundary, the following byte is
placed at the beginning of the same page. If more than 32 data words are transmitted to the EEPROM,
the data word address will “roll over” and previous data will be overwritten.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the EEPROM inputs
are disabled, acknowledge polling can be initiated. This involves sending a start condition followed by
the device address word. The read/write bit is representative of the operation desired. Only if the internal
write cycle has completed will the EEPROM respond with a “0”, allowing the read or write sequence to
continue.
5.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write
select bit in the device address word is set to “1”. There are three read operations: current address read,
random address read and sequential read.
C
URRENT ADDRESS READ: The internal data word address counter maintains the last address
accessed during the last read or write operation, incremented by one. This address stays valid between
operations as long as the chip power is maintained. The address “roll over” during read is from the last
byte of the last memory page to the first byte of the first page. The address “roll over” during write is from
the last byte of the cur- rent page to the first byte of the same page.
Once the device address with the read/write select bit set to “1” is clocked in and acknowledged by the
EEPROM, the current address data word is serially clocked out. The microcontroller does not respond
with an input “0” but does generate a following stop condition (see Figure 7).
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the data word
address. Once the device address word and data word address are clocked in and acknowledged by the
EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates a
current address read by sending a device address with the read/write select bit high. The EEPROM
acknowledges the device address and serially clocks out the data word. The microcontroller does not
respond with a “0” but does generate a following stop condition (see Figure 8).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random
address read. After the microcontroller receives a data word, it responds with an acknowledge. As long
as the EEPROM receives an acknowledge, it will continue to increment the data word address and
serially clock out sequential data words. When the memory address limit is reached, the data word
address will “roll over” and the sequential read will continue.
The sequential read operation is
terminated when the microcontroller does not respond with a “0” but does generate a following stop
condition (see Figure 9)
Figure 4.
Device Address


Similar Part No. - BL24C32

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C02 BELLING-BL24C02 Datasheet
367Kb / 15P
   The device is optimized for use in many industrial and commercial applications
BL24C02A BELLING-BL24C02A Datasheet
496Kb / 16P
   Single supply voltage and high speed
BL24C02P BELLING-BL24C02P Datasheet
944Kb / 16P
   Single Supply Voltage and High Speed
BL24C04 BELLING-BL24C04 Datasheet
367Kb / 15P
   The device is optimized for use in many industrial and commercial applications
BL24C04A BELLING-BL24C04A Datasheet
496Kb / 16P
   Single supply voltage and high speed
More results

Similar Description - BL24C32

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C02 BELLING-BL24C02 Datasheet
367Kb / 15P
   The device is optimized for use in many industrial and commercial applications
BL24C128 BELLING-BL24C128 Datasheet
373Kb / 14P
   The device is optimized for use in many industrial and commercial applications
logo
Macronix International
MX10F201FC MCNIX-MX10F201FC Datasheet
244Kb / 47P
   High-Performance and Low Power Microcontroller designed for Use Many Applications
logo
3M Electronics
4941 3M-4941 Datasheet
796Kb / 9P
   Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
logo
National Semiconductor ...
LMH0026 NSC-LMH0026_1 Datasheet
161Kb / 4P
   Replacing the CLC016 Replacing the CLC016 reclocker in many applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
International Rectifier
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF_15 Datasheet
325Kb / 10P
   Device optimized for induction heating and soft switching applications
logo
Sangdest Microelectroni...
SK2U150 SMC-SK2U150 Datasheet
276Kb / 4P
   Optimized for power conversion: welding and industrial SMPS applications
logo
Tiger Electronic Co.,Lt...
2SB1151 TGS-2SB1151 Datasheet
59Kb / 1P
   It is intented for use in power amplifier and switching applications.
2SB772 TGS-2SB772 Datasheet
64Kb / 1P
   It is intented for use in power amplifier and switching applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com