Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL24C256 Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL24C256
Description  The device is optimized for use in many industrial and commercial applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL24C256 Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL24C256 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL24C256 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL24C256 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL24C256 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL24C256 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL24C256 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL24C256 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL24C256 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL24C256 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Shanghai Belling Corp., Ltd
BL24C128/256
6
C
URRENT ADDRESS READ: The internal data word address counter maintains the last address
accessed during the last read or write operation, incremented by one. This address stays valid between
operations as long as the chip power is maintained. The address “roll over” during read is from the last
byte of the last memory page to the first byte of the first page. The address “roll over” during write is from
the last byte of the current page to the first byte of the same page.
Once the device address with the read/write select bit set to “1” is clocked in and acknowledged by the
EEPROM, the current address data word is serially clocked out. The microcontroller does not respond
with an input “0” but does generate a following stop condition (see
Figure
7).
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the data word
address. Once the device address word and data word address are clocked in and acknowledged by the
EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates a
current address read by sending a device address with the read/write select bit high. The EEPROM
acknowledges the device address and serially clocks out the data word. The microcontroller does not
respond with a “0” but does generate a following stop condition (see Figure 9).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random
address read. After the microcontroller receives a data word, it responds with an acknowledge. As long
as the EEPROM receives an acknowledge, it will continue to increment the data word address and
serially clock out sequential data words. When the memory address limit is reached, the data word
address will “roll over” and the sequential read will continue.
The sequential read operation is
terminated when the microcontroller does not respond with a “0” but does generate a following stop
condition (see
Figure
10)
Figure 4.
Device Address
Figure 5.
Byte Write
Figure 6.
Page Write


Similar Part No. - BL24C256

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C256A BELLING-BL24C256A Datasheet
647Kb / 18P
   Single supply voltage and high speed
More results

Similar Description - BL24C256

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C02 BELLING-BL24C02 Datasheet
367Kb / 15P
   The device is optimized for use in many industrial and commercial applications
BL24C32 BELLING-BL24C32 Datasheet
260Kb / 13P
   The device is optimized for use in many industrial and commercial applications
logo
Macronix International
MX10F201FC MCNIX-MX10F201FC Datasheet
244Kb / 47P
   High-Performance and Low Power Microcontroller designed for Use Many Applications
logo
3M Electronics
4941 3M-4941 Datasheet
796Kb / 9P
   Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
logo
National Semiconductor ...
LMH0026 NSC-LMH0026_1 Datasheet
161Kb / 4P
   Replacing the CLC016 Replacing the CLC016 reclocker in many applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
International Rectifier
IRG7PH42UD1PBF IRF-IRG7PH42UD1PBF_15 Datasheet
325Kb / 10P
   Device optimized for induction heating and soft switching applications
logo
Sangdest Microelectroni...
SK2U150 SMC-SK2U150 Datasheet
276Kb / 4P
   Optimized for power conversion: welding and industrial SMPS applications
logo
Tiger Electronic Co.,Lt...
2SB1151 TGS-2SB1151 Datasheet
59Kb / 1P
   It is intented for use in power amplifier and switching applications.
2SB772 TGS-2SB772 Datasheet
64Kb / 1P
   It is intented for use in power amplifier and switching applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com