Electronic Components Datasheet Search |
|
BL35P02 Datasheet(PDF) 11 Page - SHANGHAI BELLING CO., LTD. |
|
BL35P02 Datasheet(HTML) 11 Page - SHANGHAI BELLING CO., LTD. |
11 / 27 page TEL:86-21-64850700 WEB: www.belling.com.cn Page 11 of 27 BL35P02 DATASHEET BL35P02 DATASHEET BL35P02 DATASHEET BL35P02 DATASHEET 上海贝岭股份 上海贝岭股份 上海贝岭股份 上海贝岭股份有限公司 有限公司 有限公司 有限公司 Shanghai Belling Co., Ltd. MCR $0C R/W 00-0 0000 Notice: -: is undefined; u: is unaffected. PA PA PA PA ($00): P ($00): P ($00): P ($00): Port A Data Register ort A Data Register ort A Data Register ort A Data Registers ss s .7-.0 PA[7:0] When a Port A pin is programmed as an output the state of the corresponding data register bit determines the state of the output pin. When a Port A pin is programmed as an input, a read of the Port A Data Register will return the logic state of the corresponding Port A pin. DDRA($0 DDRA($0 DDRA($0 DDRA($04 44 4): Port A Data Direction Registers ): Port A Data Direction Registers ): Port A Data Direction Registers ): Port A Data Direction Registers .7-.0 DDRA[7:0] Port A pin may be programmed as an input or output by clearing or setting the corresponding bit int DDRA. 0 (clear) - Port A pin is used as an input 1 (set) - Port A pin is used as output PB ($02): P PB ($02): P PB ($02): P PB ($02): Port B Data Registers ort B Data Registers ort B Data Registers ort B Data Registers .7-.2,.0 PB[7:2,0] When a Port B pin is programmed as an output the state of the corresponding data register bit determines the state of the output pin. When a Port B pin is programmed as an input, a read of the Port B Data Register will return the logic state of the corresponding Port B pin. DDRB($0 DDRB($0 DDRB($0 DDRB($05 55 5): ): ): ): Port B Data Direction Registers Port B Data Direction Registers Port B Data Direction Registers Port B Data Direction Registers .7-.2 DDRB[7:2] Port B pin may be programmed as an input or output by clearing or setting the corresponding bit int DDRA. 0 (clear) - Port A pin is used as an input 1 (set) - Port A pin is used as output .0 KBEB0 – PB0 Keyboard Interrupt Enable KBEB0 is a keyboard Interrupt Enable bit of PB0 pin。 0 (clear) – Keyboard interrupt of PB0 pin disabled. 1 (set) - Keyboard interrupt of PB0 pin enabled. PB0 has no pull-up resistor. TDR($08): TDR($08): TDR($08): TDR($08): Timer Data Register Timer Data Register Timer Data Register Timer Data Register The TDR is a read/write register which contains the current value of the 8-bit count-down timer counter when read. Reading this register does not disturb the counter operation. TCR($09): TCR($09): TCR($09): TCR($09): Timer Control Register Timer Control Register Timer Control Register Timer Control Register .7 TIF – Timer Interrupt Flag 0 (clear) – The timer has not reached a count of zero. 1 (set) - The timer has reached a count of zero. The timer interrupt flag is set when the 8-bit counter decrements to zero. This bit is cleared on reset, or by writing a “0” to the TIF bit. .6 TIM – Timer Interrupt Mask 0 (clear) – Timer interrupt request to the CPU is not masked (enable). 1 (set) – Timer interrupt request to the CUP is masked (disable). |
Similar Part No. - BL35P02 |
|
Similar Description - BL35P02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |