Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN4987AFS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # RN4987AFS
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN4987AFS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  RN4987AFS Datasheet HTML 1Page - Toshiba Semiconductor RN4987AFS Datasheet HTML 2Page - Toshiba Semiconductor RN4987AFS Datasheet HTML 3Page - Toshiba Semiconductor RN4987AFS Datasheet HTML 4Page - Toshiba Semiconductor RN4987AFS Datasheet HTML 5Page - Toshiba Semiconductor RN4987AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RN4987AFS
2007-11-01
3
Electrical Characteristics (Ta = 25°C) (Q1)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50 V, IE = 0
100
Collector cutoff current
ICEO
VCE = 50 V, IB = 0
500
nA
Emitter cutoff current
IEBO
VEB = 6 V, IC = 0
0.088
0.131
mA
DC current gain
hFE
VCE = 5 V, IC = 10 mA
80
Collector-emitter saturation voltage
VCE (sat)
IC = 5 mA, IB = 0.25 mA
0.15
V
Input voltage (ON)
VI (ON)
VCE = 0.2 V, IC = 5 mA
0.8
1.8
V
Input voltage (OFF)
VI (OFF)
VCE = 5 V, IC = 0.1 mA
0.6
0.9
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
0.7
pF
Electrical Characteristics (Ta = 25°C) (Q2)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −50 V, IE = 0
−100
Collector cutoff current
ICEO
VCE = −50 V, IB = 0
−500
nA
Emitter cutoff current
IEBO
VEB = −6 V, IC = 0
−0.088
−0.131
mA
DC current gain
hFE
VCE = −5 V, IC = −10 mA
80
Collector-emitter saturation voltage
VCE (sat)
IC = −5 mA, IB = −0.25 mA
−0.15
V
Input voltage (ON)
VI (ON)
VCE = −0.2 V, IC = −5 mA
−0.8
−1.8
V
Input voltage (OFF)
VI (OFF)
VCE = −5 V, IC = −0.1 mA
−0.6
−0.9
V
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
0.9
pF
Electrical Characteristics (Ta = 25°C) (Q1, Q2 common)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Input resistor
R1
8
10
12
k
Ω
Resistor ratio
R1/R2
0.17
0.213
0.255


Similar Part No. - RN4987AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4987 TOSHIBA-RN4987 Datasheet
153Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4987FE TOSHIBA-RN4987FE Datasheet
86Kb / 4P
   TOSHIBA Transistor Silicon NPN쨌PNP Epitaxial Type
RN4987FS TOSHIBA-RN4987FS Datasheet
176Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN4987AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com