Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6533 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL6533
Description  Single Phase, LCD, Energy Meter IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6533 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL6533 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
B
B
B
BLLLL6533
6533
6533
6533
Single Phase, LCD, Energy Meter IC
http://www.belling.com.cn
- 1 -
9/9/2009
Total 10 Pages
FEATURES
1
High accuracy, less than 0.1% error over a
dynamic range of 500 : 1
2
Exactly measure the real power in the positive
orientation and negative orientation, calculate
the energy in the same orientation
3
18×4 bit RAM for display data storage
4
Single 5V supply
The BL6533 is a low cost, high accuracy, high
stability, simple peripheral circuit electrical energy
meter IC. The meter based on the BL6533 is intended
for using in single-phase, two-wire distribution
systems.
The BL6533 adopts the oversample technology
and digital signal processing technology. It can
exactly measure the real power in the positive
orientation and negative orientation and calculate the
energy in the same orientation.
BL6533 thinks over the stability of reading
error in the process of calibration.. An internal no-load
threshold ensures that the BL6533 does not exhibit
any creep when there is no load.
BL6533
System


Similar Part No. - BL6533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A Datasheet
423Kb / 11P
   BL6501A
BL6501A BELLING-BL6501A Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6502 BELLING-BL6502 Datasheet
441Kb / 11P
   BL6502
More results

Similar Description - BL6533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com