Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL6533 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL6533
Description  Single Phase, LCD, Energy Meter IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6533 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL6533 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6533 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BL6533
BL6533
BL6533
BL6533
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD
Single Phase Energy Meter IC with LCD D
DD
Driver
river
river
river
http://www.belling.com.cn
- 3 -
9/9/2009
Total 10 Pages
PIN DESCRIPTIONS
Pin
Symbol
DESCRIPTIONS
1
VDD
Provides the supply voltage for the circuitry. It should be maintained at 5 V
±5% for specified operation.
2,3,4,5
NC
Unused
6,7
V1P,V1N
Inputs for Current Channel. These inputs are fully differential voltage
inputs with a maximum signal level of ±660 mV
8
NC
Unused
9
V2P
Positive Inputs for Voltage Channel. These inputs provide a input. The
maximum differential input voltage is 330 mV for specified operation.
10,11
NC
Unused
12
GND
Provides the ground reference for the circuitry.
13,14,15,16
NC
Unused
17
GND
Provides the ground reference for the circuitry.
18
VLCD
LCD power source
19,20
V1,V2
Earth capacity,Ameliorate LCD output waveform
21
Com0
Common terminal driving output
22
Com1
Common terminal driving output
23
Com2
Common terminal driving output
24
Com3
Common terminal driving output
25
Seg17
Segment terminal driving output
26
Seg16
Segment terminal driving output
27
Seg15
Segment terminal driving output
28
Seg14
Segment terminal driving output
29
Seg13
Segment terminal driving output
30
Seg12
Segment terminal driving output
31
Seg11
Segment terminal driving output
32
Seg10
Segment terminal driving output
33,34
NC
Unused
35
Seg9
Segment terminal driving output
36
Seg8
Segment terminal driving output
37
Seg7
Segment terminal driving output
38
Seg6
Segment terminal driving output
39
Seg5
Segment terminal driving output
40
Seg4
Segment terminal driving output
41
Seg3
Segment terminal driving output


Similar Part No. - BL6533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A Datasheet
423Kb / 11P
   BL6501A
BL6501A BELLING-BL6501A Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6502 BELLING-BL6502 Datasheet
441Kb / 11P
   BL6502
More results

Similar Description - BL6533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
   Single Phase, Multifunction Energy meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
   Single Phase Energy Meter IC with Integrated Oscillator
BL0921 BELLING-BL0921 Datasheet
442Kb / 13P
   Single Phase Energy Meter IC with Integrated Oscillator
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com