Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV6416EEBLL Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61WV6416EEBLL
Description  64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV6416EEBLL Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61WV6416EEBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV6416EEBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV6416EEBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV6416EEBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV6416EEBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV6416EEBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV6416EEBLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV6416EEBLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV6416EEBLL Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
10/10/2012
IS61/64WV6416EEBLL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (OverOperatingRange)
-8
-10
-20
Symbol
Parameter
Min. Max.
Min. Max.
Min.
Max.
Unit
twc
WriteCycleTime
8—
10—
20—
ns
tsce
CE
toWriteEnd
6.5—
8—
12—
ns
taw
AddressSetupTime
6.5—
8—
12—
ns
toWriteEnd
tHa
AddressHoldfromWriteEnd
0—
0—
0—
ns
tsa
AddressSetupTime
0—
0—
0—
ns
tPwb
LB
, UBValidtoEndofWrite
6.5—
8—
12—
ns
tPwe1
WE
PulseWidth
6.5—
8—
12—
ns
tPwe2
WE
PulseWidth(OE=LOW)
8—
10—
17—
ns
tsD
DataSetuptoWriteEnd
5—
6—
9—
ns
tHD
DataHoldfromWriteEnd
0—
0—
0—
ns
tHzwe(2)
WE
LOWtoHigh-ZOutput
—3.5
—5
—9
ns
tLzwe(2)
WE
HIGHtoLow-ZOutput
2—
2—
3—
ns
Notes:
1. TestconditionsandoutputloadingconditionsarespecifiedintheACTestConditionsandACTestLoads(Figure1).
2. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
3. TheinternalwritetimeisdefinedbytheoverlapofCELOWandUB or LB, and WELOW.Allsignalsmustbeinvalidstates
toinitiateaWrite,butanyonecangoinactivetoterminatetheWrite.TheDataInputSetupandHoldtimingarereferencedto
the rising or falling edge of the signal that terminates the write. Shaded area product in development


Similar Part No. - IS61WV6416EEBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416BLL-12BI ISSI-IS61WV6416BLL-12BI Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416BLL-12BLI ISSI-IS61WV6416BLL-12BLI Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416BLL-12TI ISSI-IS61WV6416BLL-12TI Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416BLL-12TLI ISSI-IS61WV6416BLL-12TLI Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61WV6416EEBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL-10TLI ISSI-IS61WV5128EDBLL-10TLI Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com