Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61DDB41M18A Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61DDB41M18A
Description  1Mx18, 512Kx36 18Mb DDR-II (Burst 4) CIO SYNCHRONOUS SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDB41M18A Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61DDB41M18A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDB41M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
IS61DDB41M18A
IS61DDB451236A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. 00A
7/05/2012
4
SRAM Features description
Block Diagram
Data
Register-
Burst4
Control
Logic
17 (18)
Addresses :
SA
4 (2)
LD#
R/W#
BWx#
Clock
Generator
K
K#
512K x 36
(1M x 18)
Memory Array
Write
Driver
Select Output Control
19 (20)
36x4 (18x4)
36x4
(18x4)
36 (18)
DQ(Data-out
&Data-In)
CQ, CQ#
(Echo Clocks)
C#
C
/Doff
Add Reg &
Burst
Control
144
(72)
Output
Reg
36
(18)
36(18)
2
SA0,SA1
36x4 (18x4)
Note: Numerical values in parentheses refer to the x18 device configuration.
Read Operations
The SRAM operates continuously in a burst-of-four mode. Read cycles are started by registering R/W# in active high
state at the rising edge of the K clock. R/W# can be activated every other cycle because two full cycles are required to
complete the burst-of-four read in DDR mode. A second set of clocks, C and C#, are used to control the timing to the
outputs. A set of free-running echo clocks, CQ and CQ#, are produced internally with timings identical to the data-outs.
The echo clocks can be used as data capture clocks by the receiver device.
When the C and C# clocks are connected high, the K and K# clocks assume the function of those clocks. In this case,
the data corresponding to the first address is clocked one and half cycles later by the rising edge of the K# clock. The
data corresponding to the second burst is clocked two cycles later by the following rising edge of the K clock. The third
data-out is clocked by the subsequent rising edge of the K# clock, and the fourth data-out is clocked by the
subsequent rising edge of the K clock.
Whenever LD# is low, a new address is registered at the rising edge of the K clock. A NOP operation (LD# is high)
does not terminate the previous read. The output drivers disable automatically to a high state.
Write Operations
Write operations can also be initiated at every other rising edge of the K clock whenever R/W# is low. The write
address is also registered at that time. When the address needs to change, LD# needs to be low simultaneously to be
registered by the rising edge of K. Again, the write always occurs in bursts of four.


Similar Part No. - IS61DDB41M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB41M36-250M3 ISSI-IS61DDB41M36-250M3 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61DDB41M36A ISSI-IS61DDB41M36A Datasheet
807Kb / 32P
   Synchronous pipeline read with late write operation
More results

Similar Description - IS61DDB41M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDPB41M18A ISSI-IS61DDPB41M18A Datasheet
574Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDP2B41M18A ISSI-IS61DDP2B41M18A Datasheet
578Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB21M18A ISSI-IS61DDPB21M18A Datasheet
527Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B21M18A ISSI-IS61DDP2B21M18A Datasheet
534Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
logo
Samsung semiconductor
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7J163682B SAMSUNG-K7J163682B Datasheet
411Kb / 18P
   512Kx36 & 1Mx18 DDR II SIO b2 SRAM
K7J161882B SAMSUNG-K7J161882B Datasheet
374Kb / 17P
   512Kx36 & 1Mx18 DDR II SIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com